Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142CP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142CP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142CP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLE2142CP Datasheet HTML 9Page - Texas Instruments TLE2142CP Datasheet HTML 10Page - Texas Instruments TLE2142CP Datasheet HTML 11Page - Texas Instruments TLE2142CP Datasheet HTML 12Page - Texas Instruments TLE2142CP Datasheet HTML 13Page - Texas Instruments TLE2142CP Datasheet HTML 14Page - Texas Instruments TLE2142CP Datasheet HTML 15Page - Texas Instruments TLE2142CP Datasheet HTML 16Page - Texas Instruments TLE2142CP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLE2142I
TLE2142AI
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR +
Positive slew rate
AVD = – 1,
RL = 2 kΩ,
30
45
30
45
V/
µs
SR –
Negative slew rate
AVD
1,
RL 2 kΩ,
CL = 500 pF
30
42
30
42
V/
µs
ts
Settling time
AVD = – 1,
To 0.1%
0.34
0.34
µs
ts
Settling time
AVD
1,
10-V step
To 0.01%
0.4
0.4
µs
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 10 Hz
15
15
nV/
√Hz
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 1 kHz
10.5
10.5
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input
f = 0.1 Hz to 1 Hz
0.48
0.48
µV
VN(PP)
Peak to peak equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
0.51
0.51
µV
In
Equivalent input noise current
f = 10 Hz
1.89
1.89
pA/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.47
0.47
pA/
√Hz
THD+N
Total harmonic distortion plus
VO(PP) = 20 V,
RL = 2 kΩ,
0 01%
0 01%
THD + N
Total harmonic distortion plus
noise
VO(PP) 20 V,
AVD = 10,
RL 2 kΩ,
f = 10 kHz
0.01%
0.01%
B1
Unity-gain bandwidth
RL = 2 kΩ,
CL = 100 pF
6
6
MHz
Gain-bandwidth product
RL = 2 kΩ,CL = 100 pF,
59
59
MHz
Gain-bandwidth product
RL 2 kΩ,CL 100 pF,
f =100 kHz
5.9
5.9
MHz
BOM
Maximum output-swing
VO(PP) = 20 V,
RL = 2 kΩ,
668
668
kHz
BOM
Maximum output swing
bandwidth
VO(PP) 20 V,
AVD = 1,
RL 2 kΩ,
CL = 100 pF
668
668
kHz
φm
Phase margin at unity gain
RL = 2 kΩ,
CL = 100 pF
58
°
58
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com