Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142CP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142CP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142CP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLE2142CP Datasheet HTML 21Page - Texas Instruments TLE2142CP Datasheet HTML 22Page - Texas Instruments TLE2142CP Datasheet HTML 23Page - Texas Instruments TLE2142CP Datasheet HTML 24Page - Texas Instruments TLE2142CP Datasheet HTML 25Page - Texas Instruments TLE2142CP Datasheet HTML 26Page - Texas Instruments TLE2142CP Datasheet HTML 27Page - Texas Instruments TLE2142CP Datasheet HTML 28Page - Texas Instruments TLE2142CP Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
250
100
50
0
1
100
1 k
150
f – Frequency – Hz
200
10 k
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
24
6
0
250
810
t – Time – s
INPUT NOISE VOLTAGE
OVER A 10-SECOND PERIOD
500
750
TA = 125°C
TA = – 55°C
TA = 25°C
VCC
± = ±15 V
RS = 20 Ω
VCC
± = ±15 V
f = 0.1 Hz to 10 Hz
TA = 25°C
10
– 250
– 500
– 750
0
Figure 23
Figure 24
4
2
0
6
8
10
100
1 k
10 k
f – Frequency – Hz
EQUIVALENT INPUT NOISE CURRENT
vs
FREQUENCY
0.001%
10
1 k
10 k
100 k
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
0.01%
0.1%
1%
100
f – Frequency – Hz
TA = – 55°C
TA = 25°C
VO(PP) = 20 V
VCC
± = ±15 V
TA = 25°C
AV = 100
RL = 600 Ω
AV = 100
RL = 2 kΩ
AV = 10
RL = 2 kΩ
AV = 10
RL = 600 Ω
TA = 125°C
1
Figure 25
Figure 26
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com