Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142CP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142CP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142CP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLE2142CP Datasheet HTML 17Page - Texas Instruments TLE2142CP Datasheet HTML 18Page - Texas Instruments TLE2142CP Datasheet HTML 19Page - Texas Instruments TLE2142CP Datasheet HTML 20Page - Texas Instruments TLE2142CP Datasheet HTML 21Page - Texas Instruments TLE2142CP Datasheet HTML 22Page - Texas Instruments TLE2142CP Datasheet HTML 23Page - Texas Instruments TLE2142CP Datasheet HTML 24Page - Texas Instruments TLE2142CP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
0
–12
–18
– 24
0
3
6
9
12
15
12
18
24
18
21
24
6
– 6
VCC
± – Supply Voltage – V
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
–14.2
–14.6
–15
14.6
–13.8
13.8
14.2
15
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
– 75 – 50 – 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
150
VCC
± = ±15 V
RL = 2 kΩ
TA = 25°C
VOM +
VOM –
VOM +
RL = 2 kΩ
RL = 2 kΩ
VOM –
RL = ∞
RL = ∞
Figure 5
Figure 6
–4
– 0.4
–1
13.8
13.6
MAXIMUM POSITIVE PEAK
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
14
–10
–100
– 40
14.4
14.2
14.6
IO – Output Current – mA
–14.8
– 15
0.1
1
0.4
MAXIMUM NEGATIVE PEAK
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
–14.6
10
4
100
40
–14.2
–14.4
–14
IO – Output Current – mA
–13.6
–13.8
–13.4
VCC
± = ±15 V
VCC
± = ±15 V
TA = 125°C
TA = 25°C
TA = 125°C
TA = – 55°C
TA = 25°C
– 0.1
TA = – 55°C
Figure 7
Figure 8
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com