Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE6313 Datasheet(PDF) 17 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 17 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 13Page - Intel Corporation CE6313 Datasheet HTML 14Page - Intel Corporation CE6313 Datasheet HTML 15Page - Intel Corporation CE6313 Datasheet HTML 16Page - Intel Corporation CE6313 Datasheet HTML 17Page - Intel Corporation CE6313 Datasheet HTML 18Page - Intel Corporation CE6313 Datasheet HTML 19Page - Intel Corporation CE6313 Datasheet HTML 20Page - Intel Corporation CE6313 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
CE6313
Data Sheet
17
Intel Corporation
RADD (virtual register, address none)
bit-7:
IAI
High = Inhibit auto increment
Low = Increment addresses
bits 6-0:
AD[6:0]
register address, numbers in the range 0 to 127 are allowed
When the register address is incremented to 127 it stops and the bus will continue to write to or read from register
127 until a STOP condition is sent.
3.2
Primary 2-wire Bus Interface
The primary 2-wire bus serial interface uses pins:
DATA1 (pin 11) serial data, the most significant bit is sent first.
CLK1 (pin 10) serial clock.
The 2-wire bus address is determined by applying Vdd or Gnd to the ADDR[4:1] pins while the three MSBs of the
address are internally set to ‘0’.
For compatibility with earlier devices, the 2-wire bus address will normally be 0001 110 R/W and the pins connected
as follows:
When the CE6313 is powered up, the Reset pin 1 should be maintained low for typically 100 ms after Vdd and
CVdd have reached normal operation levels, and the Sleep pin 9 has gone low. This is to ensure that the crystal
oscillator and internal PLL have become fully established and that the internal reset signal is fully clocked into all
parts of the circuit. As the reset pin is pulled high, the logic levels on Addr[4:1] are latched to become the 2-wire bus
address AD[6:0].
The circuit works as a slave transmitter with the eighth bit set high or as a slave receiver with the eighth bit set low.
In receive mode, the first data byte is written to the RADD virtual register, which forms the register sub-address.
Bit 7 of the RADD register, IAI is an Inhibit Auto Increment function. When the IAI bit is set high, the automatic
incrementing of register addresses is inhibited. IAI set low is the normal situation so that data bytes sent on the
2-wire bus after the RADD register data are loaded into successive registers. This automatic incrementing feature
avoids the need to individually address each register.
Following a valid chip address, the 2-wire bus STOP command resets the RADD register to 00. If the chip address
is not recognised, the CE6313 will ignore all activity until a valid chip address is received. The 2-wire bus START
command does NOT reset the RADD register to 00. This allows a combined 2-wire bus message to point to a
particular read register with a write command, followed immediately with a read data command. If required, this
could next be followed with a write command to continue from the latest address. Finally a STOP command should
be sent to free the bus.
When the 2-wire bus is addressed (after a recognised STOP command) with the read bit set, the first byte read out
will be the content of register 00.
NAME
ADR
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
Def
hex
RADD
N/A
IAI
AD6
AD5
AD4
AD3
AD2
AD1
AD0
W-
Addr[4]
Addr[3]
Addr[2]
Addr[1]
Vdd
Vdd
Vdd
Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com