Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE6313 Datasheet(PDF) 18 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 18 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 14Page - Intel Corporation CE6313 Datasheet HTML 15Page - Intel Corporation CE6313 Datasheet HTML 16Page - Intel Corporation CE6313 Datasheet HTML 17Page - Intel Corporation CE6313 Datasheet HTML 18Page - Intel Corporation CE6313 Datasheet HTML 19Page - Intel Corporation CE6313 Datasheet HTML 20Page - Intel Corporation CE6313 Datasheet HTML 21Page - Intel Corporation CE6313 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
CE6313
Data Sheet
18
Intel Corporation
3.3
Secondary 2-wire Bus for Tuner Control
The CE6313 has a General Purpose Port that can be configured to provide a secondary 2-wire bus with full bi-
directional operation. When pass-through is enabled, a transparent connection is made to the tuner. This innovative
design simplifies the software required to program the tuner.
Pass-through mode is selected by setting register (20) GPP_CTRL[bit-6] = 1.
The allocation of the pins is: DATA2 = pin14, CLK2 = pin 15.
4.0
Electrical Characteristics
4.1
Recommended Operating Conditions
4.2
Absolute Maximum Ratings
Note 1: Stresses exceeding these listed under 'Absolute Ratings' may induce failure. Exposure to absolute maximum ratings for
extended periods may reduce reliability. Functionality at or above these conditions is not implied.
Parameter
Symbol
Min.
Typ.
Max.
Units
Core power supply voltage
CVdd
1.71
1.8
1.89
V
Periphery power supply voltage
Vdd
3.13
3.3
3.47
V
Input clock frequency (note 1 & 2)
1. When not using a crystal, XTI may be driven from an external source over the frequency range shown.
2. The upper limit is set by DiSEqC requirements. If DiSEqC is not required, then external frequencies up to 27.00 MHz can be
used.
Fxt1
3.99
22.66
MHz
Crystal oscillator frequency
Fxt2
9.99
16.01
MHz
CLK1 clock frequency 3 (with 10 MHz or above)
3. The maximum serial clock speed on the primary 2-wire bus is related to the input clock frequency and is limited to 100 kHz with
a 4.0 MHz clock.
Fclk1
400
kHz
Ambient operating temperature
0
70
°C
Parameter
Symbol
Min.
Max.
Unit
Power supply
Vdd
-0.3
4.5
V
CVdd
-0.3
2.3
Voltage on input pins (5 V rated)
Vi
-0.3
6.5
V
Voltage on input pins (3.3 V rated)
Vi
-0.3
Vdd + 0.5
V
Voltage on input pins (1.8 V rated, e.g., XTI)
Vi
-0.3
CVdd + 0.5
V
Voltage on output pins (5 V rated)
Vo
-0.3
5.5
V
Voltage on output pins (3.3 V rated)
Vo
-0.3
Vdd + 0.5
V
Voltage on output pins (1.8 V rated, e.g., XTO)
Vo
-0.3
CVdd + 0.5
V
Storage temperature
Tstg
-55
150
°C
Operating ambient temperature
Top
0
70
°C
Junction temperature
Tj
125
°C
ESD protection (human body model)
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com