Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FL09Y0MA Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST7FL09Y0MA
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL09Y0MA Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST7FL09Y0MA Datasheet HTML 77Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 78Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 79Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 80Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 81Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 82Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 83Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 84Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
ST7L05, ST7L09
81/104
13.6 MEMORY CHARACTERISTICS
TA = -40 to +105°C, unless otherwise specified
13.6.1 RAM and Hardware Registers
13.6.2 Flash Program Memory
13.6.3 EEPROM Data Memory
Notes:
1. Minimum VDD supply voltage without losing data stored in RAM (in HALT mode or under RESET) or in hardware reg-
isters (only in HALT mode). Guaranteed by construction, not tested in production.
2. Up to 32 bytes can be programmed at a time.
3. The data retention time increases when the TA decreases.
4. Data based on reliability test results and monitored in production.
5. Guaranteed by Design. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode1)
HALT mode (or RESET)
1.6
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for Flash write/erase
Refer to operating range of
VDD with TA, Table 13.3.1,
“General Operating Condi-
tions,” on page 75
3.0
5.5
V
tPROG
Programming time for 1~32 bytes2)
TA =−40 to +105°C
5
10
ms
Programming time for 1.5 Kbytes
TA = 25°C
0.24
0.48
s
tRET
Data retention4)
TA = 55°C
3)
20
years
NRW
Write erase cycles
TA = 25°C
1K
cycles
TA = 105°C
300
IDD
Supply current
Read / Write / Erase modes
fCPU = 8 MHz, VDD =5.5V
2.65
mA
No Read/No Write Mode
100
µA
Power down mode / HALT
0
0.1
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for EEPROM write/
erase
Refer to operating range of
VDD with TA, Table 13.3.1,
“General Operating Condi-
tions,” on page 75
3.0
5.5
V
tPROG
Programming time for 1~32 bytes
TA =−40 to +105°C
5
10
ms
tRET
4)
Data retention with 1K cycling (TPROG
=−40 to +105°C)
TA = 55°C
3)
20
years
Data retention with 10K cycling (TPROG
=−40 to +105°C)
10
Data retention with 100K cycling
(TPROG =−40 to +105°C)
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com