Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FL09Y0MA Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST7FL09Y0MA
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL09Y0MA Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST7FL09Y0MA Datasheet HTML 37Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 38Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 39Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 40Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 41Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 42Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 43Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 44Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
ST7L05, ST7L09
41/104
I/O PORTS (Cont’d)
Table 12. I/O Port Register Map and Reset Values
Address
(Hex.)
Register
Label
765
43210
0000h
PADR
Reset Value
MSB
000
0000
LSB
0
0001h
PADDR
Reset Value
MSB
000
0000
LSB
0
0002h
PAOR
Reset Value
MSB
010
0000
LSB
0
0003h
PBDR
Reset Value
MSB
111
0000
LSB
0
0004h
PBDDR
Reset Value
MSB
000
0000
LSB
0
0005h
PBOR
Reset Value
MSB
000
0000
LSB
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com