Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FL09Y0MA Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST7FL09Y0MA
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL09Y0MA Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST7FL09Y0MA Datasheet HTML 89Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 90Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 91Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 92Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 93Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 94Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 95Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 96Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 104 page
background image
ST7L05, ST7L09
93/104
ADC CHARACTERISTICS (Cont’d)
TA = -40 to +105°C unless otherwise specified
Table 20. ADC Accuracy with 3.0V
≤ V
DD ≤ 3.6V
Table 21. ADC Accuracy with 4.5V
≤ V
DD ≤ 5.5V
Notes:
1. Data based on characterization results over the whole temperature range, monitored in production.
2. ADC accuracy versus negative injection current: Injecting negative current on any of the analog input pins may reduce
the accuracy of the conversion being performed on another analog input.
The effect of negative injection current on robust pins is specified in Section 13.11 on page 91. Any positive injection cur-
rent within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 13.8 does not affect the ADC accuracy.
3. Data based on characterization results, monitored in production to guarantee 99.73% within ± max value from -40° to
+105°C (± 3
σ distribution limits).
Figure 71. ADC Accuracy Characteristics
Symbol
Parameter
Conditions
Typ
Max3)
Unit
| ET |
Total unadjusted error
fCPU = 4 MHz, fADC = 2 MHz
1)2)
0.7
1.8
LSB
| EO |
Offset error
0.3
0.9
| EG |
Gain error
0.4
1.4
| ED |
Differential linearity error
0.5
0.8
| EL |
Integral linearity error
0.4
0.8
Symbol
Parameter
Conditions
Typ
Max3)
Unit
| ET |
Total unadjusted error
fCPU = 8 MHz, fADC = 4 MHz
1)2)
0.9
2.1
LSB
| EO |
Offset error
0.3
0.9
| EG |
Gain error
0.6
1.5
| ED |
Differential linearity error
0.5
0.9
| EL |
Integral linearity error
0.5
0.8
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DDA
V
SSA
–
256
-----------------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
255
254
5
4
3
2
1
0
7
6
1
2
345
67
253 254 255 256
(1)
(2)
ET
ED
EL
(3)
VDDA
VSSA
253
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com