Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FL09Y0MA Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST7FL09Y0MA
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL09Y0MA Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST7FL09Y0MA Datasheet HTML 29Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 30Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 31Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 32Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 33Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 34Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 35Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 36Page - STMicroelectronics ST7FL09Y0MA Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
ST7L05, ST7L09
33/104
POWER SAVING MODES (Cont’d)
9.4 ACTIVE HALT AND HALT MODES
ACTIVE HALT and HALT modes are the two low-
est power consumption modes of the MCU. They
are both entered by executing the ‘HALT’ instruc-
tion. The decision to enter either in ACTIVE HALT
or HALT mode is given by the LTCSR/ATCSR reg-
ister status as shown in the following table:
9.4.1 ACTIVE HALT Mode
ACTIVE HALT mode is the lowest power con-
sumption mode of the MCU with a real time clock
available. It is entered by executing the ‘HALT’ in-
struction when active halt mode is enabled.
The MCU can exit ACTIVE HALT mode on recep-
tion of a Lite Timer / AT Timer interrupt or a RE-
SET.
– When exiting ACTIVE HALT mode by means of
a RESET, a 256 CPU cycle delay occurs. After
the start up delay, the CPU resumes operation
by fetching the reset vector which woke it up (see
Figure 20).
– When exiting ACTIVE HALT mode by means of
an interrupt, the CPU immediately resumes oper-
ation by servicing the interrupt vector which woke
it up (see Figure 20).
When entering ACTIVE HALT mode, the I bit in the
CC register is cleared to enable interrupts. There-
fore, if an interrupt is pending, the MCU wakes up
immediately.
In ACTIVE HALT mode, only the main oscillator
and the selected timer counter (LT/AT) are running
to keep a wake-up time base. All other peripherals
are not clocked except those which get their clock
supply from another clock generator (such as ex-
ternal or auxiliary oscillator).
Caution: As soon as ACTIVE HALT is enabled,
executing a HALT instruction while the Watchdog
is active does not generate a RESET if the
WDGHALT bit is reset.
This means that the device cannot spend more
than a defined delay in this power saving mode.
Figure 19. ACTIVE HALT Timing Overview
Figure 20. ACTIVE HALT Mode Flowchart
Notes:
1. This delay occurs only if the MCU exits ACTIVE HALT
mode by means of a RESET.
2. Peripherals clocked with an external clock source can
still be active.
3. Only the Lite Timer RTC and AT Timer interrupts can
exit the MCU from ACTIVE HALT mode.
4. Before servicing an interrupt, the CC register is pushed
on the stack. The I bit of the CC register is set during the
interrupt routine and cleared when the CC register is
popped
.
LTCSR
TBIE bit
ATCSR
OVFIE
bit
ATCSR
CK1 bit
ATCSR
CK0 bit
Meaning
0x
x0
ACTIVE HALT
mode disabled
00
x
x
0111
1
xxx
ACTIVE HALT
mode enabled
x
101
HALT
RUN
RUN
256 CPU
CYCLE DELAY1)
RESET
OR
INTERRUPT
HALT
INSTRUCTION
FETCH
VECTOR
ACTIVE
[Active Halt Enabled]
HALT INSTRUCTION
RESET
INTERRUPT 3)
Y
N
N
Y
CPU
OSCILLATOR
PERIPHERALS 2)
IBIT
ON
OFF
0
OFF
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CPU
OSCILLATOR
PERIPHERALS 2)
IBIT
ON
OFF
X 4)
ON
CPU
OSCILLATOR
PERIPHERALS
IBITS
ON
ON
X 4)
ON
256 CPU CLOCK CYCLE
DELAY
(Active Halt enabled)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com