Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2061CD Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2061CD
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2061CD Datasheet(HTML) 46 Page - Texas Instruments

Back Button TLE2061CD Datasheet HTML 42Page - Texas Instruments TLE2061CD Datasheet HTML 43Page - Texas Instruments TLE2061CD Datasheet HTML 44Page - Texas Instruments TLE2061CD Datasheet HTML 45Page - Texas Instruments TLE2061CD Datasheet HTML 46Page - Texas Instruments TLE2061CD Datasheet HTML 47Page - Texas Instruments TLE2061CD Datasheet HTML 48Page - Texas Instruments TLE2061CD Datasheet HTML 49Page - Texas Instruments TLE2061CD Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
4, 5, 6
IIB
Input bias current
vs Common-mode input voltage
vs Free-air temperature
7
8
IIO
Input offset current
vs Free-air temperature
8
VICR
Common-mode input voltage
vs Free-air temperature
9
VOM
Maximum peak output voltage
vs Output current
vs Supply voltage
10, 11
12, 13, 14
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
vs Load resistance
15, 16
17
AVD
Large-signal differential voltage amplification
vs Frequency
vs Free-air temperature
18
19
IOS
Short-circuit output current
vs Elasped time
vs Free-air temperature
20
21
zo
Output impedance
vs Frequency
22, 23
CMRR
Common-mode rejection ratio
vs Frequency
24
ICC
Supply current
vs Supply voltage
vs Free-air temperature
25, 26, 27
28, 29, 30
Voltage-follower small-signal pulse response
vs Time
31, 32
Voltage-follower large-signal pulse response
vs Time
33, 34
Noise voltage (referred to input)
0.1 to 10 Hz
35
Vn
Equivalent input noise voltage
vs Frequency
36
THD
Total harmonic distortion
vs Frequency
37, 38
B1
Unity-gain bandwidth
vs Supply voltage
vs Free-air temperature
39
40
φm
Phase margin
vs Supply voltage
vs Load capacitance
vs Free-air temperature
41
42
43
Phase shift
vs Frequency
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com