Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2061CD Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2061CD
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2061CD Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLE2061CD Datasheet HTML 45Page - Texas Instruments TLE2061CD Datasheet HTML 46Page - Texas Instruments TLE2061CD Datasheet HTML 47Page - Texas Instruments TLE2061CD Datasheet HTML 48Page - Texas Instruments TLE2061CD Datasheet HTML 49Page - Texas Instruments TLE2061CD Datasheet HTML 50Page - Texas Instruments TLE2061CD Datasheet HTML 51Page - Texas Instruments TLE2061CD Datasheet HTML 52Page - Texas Instruments TLE2061CD Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
20
18
16
14
12
10
8
6
4
2
0
| VCC ± | − Supply Voltage − V
−20
−15
−10
−5
0
5
10
15
20
VOM −
VOM +
TA = 25°C
RL = 10 kΩ
Figure 13
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
RL = 600 Ω
TA = 25°C
VOM +
VOM −
20
15
10
5
0
−5
−10
−15
−20
| VCC + | − Supply Voltage − V
0
2
4
6
8
101214
1618
20
Figure 14
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
VOM −
VOM +
TA = 25°C
RL = 100 Ω
10
8
6
4
2
0
|VCC ± | − Supply Voltage − V
−6
−4
−2
0
2
4
6
Figure 15
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
TA = 25°C
RL = 10 kΩ
VCC ± = ±5 V
10
8
6
10 k
100 k
1 M
10 M
f − Frequency − Hz
4
2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com