Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2061CD Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2061CD
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2061CD Datasheet(HTML) 63 Page - Texas Instruments

Back Button TLE2061CD Datasheet HTML 59Page - Texas Instruments TLE2061CD Datasheet HTML 60Page - Texas Instruments TLE2061CD Datasheet HTML 61Page - Texas Instruments TLE2061CD Datasheet HTML 62Page - Texas Instruments TLE2061CD Datasheet HTML 63Page - Texas Instruments TLE2061CD Datasheet HTML 64Page - Texas Instruments TLE2061CD Datasheet HTML 65Page - Texas Instruments TLE2061CD Datasheet HTML 66Page - Texas Instruments TLE2061CD Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TLE2064CDR
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
Call TI
Level-1-260C-UNLIM
TLE2064CDRG4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
Call TI
Level-1-260C-UNLIM
TLE2064CN
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TLE2064CNE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TLE2064CNSR
OBSOLETE
SO
NS
14
TBD
Call TI
Call TI
TLE2064ID
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
Call TI
Level-1-260C-UNLIM
TLE2064IDG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
Call TI
Level-1-260C-UNLIM
TLE2064IDR
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
Call TI
Level-1-260C-UNLIM
TLE2064IDRG4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
Call TI
Level-1-260C-UNLIM
TLE2064IN
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TLE2064INE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TLE2064MD
ACTIVE
SOIC
D
14
50
TBD
CU NIPDAU
Level-1-220C-UNLIM
TLE2064MDG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLE2064MDR
ACTIVE
SOIC
D
14
1
TBD
CU NIPDAU
Level-1-220C-UNLIM
TLE2064MDRG4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLE2064MFKB
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
TLE2064MJ
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
TLE2064MJB
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
TLE2064MN
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
TLE2064MWB
ACTIVE
CFP
W
14
1
TBD
A42 SNPB
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
PACKAGE OPTION ADDENDUM
www.ti.com
4-Mar-2008
Addendum-Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com