Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2061CD Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2061CD
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2061CD Datasheet(HTML) 55 Page - Texas Instruments

Back Button TLE2061CD Datasheet HTML 51Page - Texas Instruments TLE2061CD Datasheet HTML 52Page - Texas Instruments TLE2061CD Datasheet HTML 53Page - Texas Instruments TLE2061CD Datasheet HTML 54Page - Texas Instruments TLE2061CD Datasheet HTML 55Page - Texas Instruments TLE2061CD Datasheet HTML 56Page - Texas Instruments TLE2061CD Datasheet HTML 57Page - Texas Instruments TLE2061CD Datasheet HTML 58Page - Texas Instruments TLE2061CD Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 36
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
10 k
1 k
100
10
1
f − Frequency − Hz
0
20
40
60
80
100
VCC ± = ±5 V
RS = 20 Ω
TA = 25°C
See Figure 2
Figure 37
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
VCC ± = ±5 V
AVD = 2
VO(PP) = 2 V
TA = 25°C
Source Signal
0.2
0.1
100 k
10 k
1 k
100
10
f − Frequency − Hz
0
0.3
Figure 38
TOTAL HARMONIC DISTORATION
vs
FREQUENCY
VCC ± = ±5 V
Source Signal
TA = 25°C
VO(PP) = 2 V
AVD = 10
0.3
0.1
0.5
0.6
0
f − Frequency − Hz
10
100
1 k
10 k
100 k
0.2
0.4
Figure 39
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
See Figure 3
TA = 25°C
CL = 100 pF
RL = 10 kΩ
20
18
16
14
12
10
8
6
4
2
| VCC ± | − Supply Voltage − V
2.5
2
1.5
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com