Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640DT Datasheet(PDF) 33 Page - STMicroelectronics

Part # M29W640DT
Description  64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640DT Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M29W640DT Datasheet HTML 29Page - STMicroelectronics M29W640DT Datasheet HTML 30Page - STMicroelectronics M29W640DT Datasheet HTML 31Page - STMicroelectronics M29W640DT Datasheet HTML 32Page - STMicroelectronics M29W640DT Datasheet HTML 33Page - STMicroelectronics M29W640DT Datasheet HTML 34Page - STMicroelectronics M29W640DT Datasheet HTML 35Page - STMicroelectronics M29W640DT Datasheet HTML 36Page - STMicroelectronics M29W640DT Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
33/49
M29W640DT, M29W640DB
Note: 1. Used as the Extended Block Addresses in Extended Block mode.
Table 20. Bottom Boot Block Addresses, M29W640DB
124
64/32
Protection Group
7C0000h–7CFFFFh
3E0000h–3E7FFFh
125
64/32
7D0000h–7DFFFFh
3E8000h–3EFFFFh
126
64/32
7E0000h–7EFFFFh
3F0000h–3F7FFFh
127
8/4
7F0000h–7F1FFFh(1)
3F8000h–3F8FFFh(1)
128
8/4
7F2000h–7F3FFFh(1)
3F9000h–3F9FFFh(1)
129
8/4
7F4000h–7F5FFFh(1)
3FA000h–3FAFFFh(1)
130
8/4
7F6000h–7F7FFFh(1)
3FB000h–3FBFFFh(1)
131
8/4
7F8000h–7F9FFFh(1)
3FC000h–3FCFFFh(1)
132
8/4
7FA000h–7FBFFFh(1)
3FD000h–3FDFFFh(1)
133
8/4
7FC000h–7FDFFFh(1)
3FE000h–3FEFFFh(1)
134
8/4
7FE000h–7FFFFFh(1)
3FF000h–3FFFFFh(1)
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)
08/4
Protection Group
000000h-001FFFh(1)
000000h–000FFFh(1)
18/4
002000h-003FFFh(1)
001000h–001FFFh(1)
28/4
004000h-005FFFh(1)
002000h–002FFFh(1)
38/4
006000h-007FFFh(1)
003000h–003FFFh(1)
48/4
008000h-009FFFh(1)
004000h–004FFFh(1)
58/4
00A000h-00BFFFh(1)
005000h–005FFFh(1)
68/4
00C000h-00DFFFh(1)
006000h–006FFFh(1)
78/4
00E000h-00FFFFh(1)
007000h–007FFFh(1)
8
64/32
010000h-01FFFFh
008000h–00FFFFh
9
64/32
020000h-02FFFFh
010000h–017FFFh
10
64/32
030000h-03FFFFh
018000h–01FFFFh
11
64/32
Protection Group
040000h-04FFFFh
020000h–027FFFh
12
64/32
050000h-05FFFFh
028000h–02FFFFh
13
64/32
060000h-06FFFFh
030000h–037FFFh
14
64/32
070000h-07FFFFh
038000h–03FFFFh
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com