Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640DT Datasheet(PDF) 35 Page - STMicroelectronics

Part # M29W640DT
Description  64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640DT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M29W640DT Datasheet HTML 31Page - STMicroelectronics M29W640DT Datasheet HTML 32Page - STMicroelectronics M29W640DT Datasheet HTML 33Page - STMicroelectronics M29W640DT Datasheet HTML 34Page - STMicroelectronics M29W640DT Datasheet HTML 35Page - STMicroelectronics M29W640DT Datasheet HTML 36Page - STMicroelectronics M29W640DT Datasheet HTML 37Page - STMicroelectronics M29W640DT Datasheet HTML 38Page - STMicroelectronics M29W640DT Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
35/49
M29W640DT, M29W640DB
47
64/32
Protection Group
280000h-28FFFFh
140000h–147FFFh
48
64/32
290000h-29FFFFh
148000h–14FFFFh
49
64/32
2A0000h-2AFFFFh
150000h–157FFFh
50
64/32
2B0000h-2BFFFFh
158000h–15FFFFh
51
64/32
Protection Group
2C0000h-2CFFFFh
160000h–167FFFh
52
64/32
2D0000h-2DFFFFh
168000h–16FFFFh
53
64/32
2E0000h-2EFFFFh
170000h–177FFFh
54
64/32
2F0000h-2FFFFFh
178000h–17FFFFh
55
64/32
Protection Group
300000h-30FFFFh
180000h–187FFFh
56
64/32
310000h-31FFFFh
188000h–18FFFFh
57
64/32
320000h-32FFFFh
190000h–197FFFh
58
64/32
330000h-33FFFFh
198000h–19FFFFh
59
64/32
Protection Group
340000h-34FFFFh
1A0000h–1A7FFFh
60
64/32
350000h-35FFFFh
1A8000h–1AFFFFh
61
64/32
360000h-36FFFFh
1B0000h–1B7FFFh
62
64/32
370000h-37FFFFh
1B8000h–1BFFFFh
63
64/32
Protection Group
380000h-38FFFFh
1C0000h–1C7FFFh
64
64/32
390000h-39FFFFh
1C8000h–1CFFFFh
65
64/32
3A0000h-3AFFFFh
1D0000h–1D7FFFh
66
64/32
3B0000h-3BFFFFh
1D8000h–1DFFFFh
67
64/32
Protection Group
3C0000h-3CFFFFh
1E0000h–1E7FFFh
68
64/32
3D0000h-3DFFFFh
1E8000h–1EFFFFh
69
64/32
3E0000h-3EFFFFh
1F0000h–1F7FFFh
70
64/32
3F0000h-3FFFFFh
1F8000h–1FFFFFh
71
64/32
Protection Group
400000h-40FFFFh
200000h–207FFFh
72
64/32
410000h-41FFFFh
208000h–20FFFFh
73
64/32
420000h-42FFFFh
210000h–217FFFh
74
64/32
430000h-43FFFFh
218000h–21FFFFh
75
64/32
Protection Group
440000h-44FFFFh
220000h–227FFFh
76
64/32
450000h-45FFFFh
228000h–22FFFFh
77
64/32
460000h-46FFFFh
230000h–237FFFh
78
64/32
470000h-47FFFFh
238000h–23FFFFh
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com