Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640DT Datasheet(PDF) 34 Page - STMicroelectronics

Part # M29W640DT
Description  64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640DT Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M29W640DT Datasheet HTML 30Page - STMicroelectronics M29W640DT Datasheet HTML 31Page - STMicroelectronics M29W640DT Datasheet HTML 32Page - STMicroelectronics M29W640DT Datasheet HTML 33Page - STMicroelectronics M29W640DT Datasheet HTML 34Page - STMicroelectronics M29W640DT Datasheet HTML 35Page - STMicroelectronics M29W640DT Datasheet HTML 36Page - STMicroelectronics M29W640DT Datasheet HTML 37Page - STMicroelectronics M29W640DT Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
M29W640DT, M29W640DB
34/49
15
64/32
Protection Group
080000h-08FFFFh
040000h–047FFFh
16
64/32
090000h-09FFFFh
048000h–04FFFFh
17
64/32
0A0000h-0AFFFFh
050000h–057FFFh
18
64/32
0B0000h-0BFFFFh
058000h–05FFFFh
19
64/32
Protection Group
0C0000h-0CFFFFh
060000h–067FFFh
20
64/32
0D0000h-0DFFFFh
068000h–06FFFFh
21
64/32
0E0000h-0EFFFFh
070000h–077FFFh
22
64/32
0F0000h-0FFFFFh
078000h–07FFFFh
23
64/32
Protection Group
100000h-10FFFFh
080000h–087FFFh
24
64/32
110000h-11FFFFh
088000h–08FFFFh
25
64/32
120000h-12FFFFh
090000h–097FFFh
26
64/32
130000h-13FFFFh
098000h–09FFFFh
27
64/32
Protection Group
140000h-14FFFFh
0A0000h–0A7FFFh
28
64/32
150000h-15FFFFh
0A8000h–0AFFFFh
29
64/32
160000h-16FFFFh
0B0000h–0B7FFFh
30
64/32
170000h-17FFFFh
0B8000h–0BFFFFh
31
64/32
Protection Group
180000h-18FFFFh
0C0000h–0C7FFFh
32
64/32
190000h-19FFFFh
0C8000h–0CFFFFh
33
64/32
1A0000h-1AFFFFh
0D0000h–0D7FFFh
34
64/32
1B0000h-1BFFFFh
0D8000h–0DFFFFh
35
64/32
Protection Group
1C0000h-1CFFFFh
0E0000h–0E7FFFh
36
64/32
1D0000h-1DFFFFh
0E8000h–0EFFFFh
37
64/32
1E0000h-1EFFFFh
0F0000h–0F7FFFh
38
64/32
1F0000h-1FFFFFh
0F8000h–0FFFFFh
39
64/32
Protection Group
200000h-20FFFFh
100000h–107FFFh
40
64/32
210000h-21FFFFh
108000h–10FFFFh
41
64/32
220000h-22FFFFh
110000h–117FFFh
42
64/32
230000h-23FFFFh
118000h–11FFFFh
43
64/32
Protection Group
240000h-24FFFFh
120000h–127FFFh
44
64/32
250000h-25FFFFh
128000h–12FFFFh
45
64/32
260000h-26FFFFh
130000h–137FFFh
46
64/32
270000h-27FFFFh
138000h–13FFFFh
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com