Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640DT Datasheet(PDF) 37 Page - STMicroelectronics

Part # M29W640DT
Description  64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640DT Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M29W640DT Datasheet HTML 33Page - STMicroelectronics M29W640DT Datasheet HTML 34Page - STMicroelectronics M29W640DT Datasheet HTML 35Page - STMicroelectronics M29W640DT Datasheet HTML 36Page - STMicroelectronics M29W640DT Datasheet HTML 37Page - STMicroelectronics M29W640DT Datasheet HTML 38Page - STMicroelectronics M29W640DT Datasheet HTML 39Page - STMicroelectronics M29W640DT Datasheet HTML 40Page - STMicroelectronics M29W640DT Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
37/49
M29W640DT, M29W640DB
Note: 1. Used as the Extended Block Addresses in Extended Block mode.
111
64/32
Protection Group
680000h-68FFFFh
340000h–347FFFh
112
64/32
690000h-69FFFFh
348000h–34FFFFh
113
64/32
6A0000h-6AFFFFh
350000h–357FFFh
114
64/32
6B0000h-6BFFFFh
358000h–35FFFFh
115
64/32
Protection Group
6C0000h-6CFFFFh
360000h–367FFFh
116
64/32
6D0000h-6DFFFFh
368000h–36FFFFh
117
64/32
6E0000h-6EFFFFh
370000h–377FFFh
118
64/32
6F0000h-6FFFFFh
378000h–37FFFFh
119
64/32
Protection Group
700000h-70FFFFh
380000h–387FFFh
120
64/32
710000h-71FFFFh
388000h–38FFFFh
121
64/32
720000h-72FFFFh
390000h–397FFFh
122
64/32
730000h-73FFFFh
398000h–39FFFFh
123
64/32
Protection Group
740000h-74FFFFh
3A0000h–3A7FFFh
124
64/32
750000h-75FFFFh
3A8000h–3AFFFFh
125
64/32
760000h-76FFFFh
3B0000h–3B7FFFh
126
64/32
770000h-77FFFFh
3B8000h–3BFFFFh
127
64/32
Protection Group
780000h-78FFFFh
3C0000h–3C7FFFh
128
64/32
790000h-79FFFFh
3C8000h–3CFFFFh
129
64/32
7A0000h-7AFFFFh
3D0000h–3D7FFFh
130
64/32
7B0000h-7BFFFFh
3D8000h–3DFFFFh
131
64/32
Protection Group
7C0000h-7CFFFFh
3E0000h–3E7FFFh
132
64/32
7D0000h-7DFFFFh
3E8000h–3EFFFFh
133
64/32
7E0000h-7EFFFFh
3F0000h–3F7FFFh
134
64/32
7F0000h-7FFFFFh
3F8000h–3FFFFFh
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com