Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T212A Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T212A
Description  3.3V TIMEKEEPER CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T212A Datasheet HTML 3Page - STMicroelectronics M48T212A Datasheet HTML 4Page - STMicroelectronics M48T212A Datasheet HTML 5Page - STMicroelectronics M48T212A Datasheet HTML 6Page - STMicroelectronics M48T212A Datasheet HTML 7Page - STMicroelectronics M48T212A Datasheet HTML 8Page - STMicroelectronics M48T212A Datasheet HTML 9Page - STMicroelectronics M48T212A Datasheet HTML 10Page - STMicroelectronics M48T212A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
M48T212A
Table 9. Chip Enable Control and Bank Select Characteristics
(TA = 0 to 70°C)
Symbol
Parameter
M48T212A
Unit
-85
Min
Max
tEXPD
EX to E1CON or E2CON (Low or High)
15
ns
tAPD
A to E1CON or E2CON (Low or High)
15
ns
Figure 6. Chip Enable Control and Bank Select Timing
AI02639
tEXPD
tAPD
tEXPD
EX
A
E1CON
E2CON
Table 10. Read Mode Characteristics
(TA = 0 to 70°C)
Note: 1. CL = 5pF
Symbol
Parameter
M48T212A
Unit
-85
Min
Max
tAVAV
Read Cycle Time
85
ns
tAVQV
Address Valid to Output Valid
85
ns
tELQV
Chip Enable Low to Output Valid
85
ns
tGLQV
Output Enable Low to Output Valid
35
ns
tELQX
(1)
Chip Enable Low to Output Transition
5
ns
tGLQX
(1)
Output Enable Low to Output Transition
0
ns
tEHQZ
(1)
Chip Enable High to Output Hi-Z
25
ns
tGHQZ
(1)
Output Enable High to Output Hi-Z
25
ns
tAXQX
Address Transition to Output Transition
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com