Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T212A Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48T212A
Description  3.3V TIMEKEEPER CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48T212A Datasheet HTML 2Page - STMicroelectronics M48T212A Datasheet HTML 3Page - STMicroelectronics M48T212A Datasheet HTML 4Page - STMicroelectronics M48T212A Datasheet HTML 5Page - STMicroelectronics M48T212A Datasheet HTML 6Page - STMicroelectronics M48T212A Datasheet HTML 7Page - STMicroelectronics M48T212A Datasheet HTML 8Page - STMicroelectronics M48T212A Datasheet HTML 9Page - STMicroelectronics M48T212A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
M48T212A
6/20
Table 8. Power Down/Up AC Characteristics
(TA = 0 to 70°C)
Symbol
Parameter
Min
Max
Unit
tF
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
VPFD (min) to VSS VCC Fall Time
150
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
10
µs
tREC
VPFD (max) to RST High
40
200
ms
tRB
VSS to VPFD (min) VCC Rise Time
5µs
Figure 5. Power Down/Up AC Waveform
AI02638
VCC
INPUTS
RST
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tREC
tRB
VALID
VALID
VPFD (max)
VPFD (min)
VSO
VALID
VALID
VCCSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com