Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T248Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48T248Y
Description  5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T248Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48T248Y Datasheet HTML 4Page - STMicroelectronics M48T248Y Datasheet HTML 5Page - STMicroelectronics M48T248Y Datasheet HTML 6Page - STMicroelectronics M48T248Y Datasheet HTML 7Page - STMicroelectronics M48T248Y Datasheet HTML 8Page - STMicroelectronics M48T248Y Datasheet HTML 9Page - STMicroelectronics M48T248Y Datasheet HTML 10Page - STMicroelectronics M48T248Y Datasheet HTML 11Page - STMicroelectronics M48T248Y Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
M48T248Y, M48T248V
8/24
Table 5. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. RST (Pin 1) has an internal pull-up resistor.
3. All voltages are referenced to Ground.
Sym
Parameter
Test
Condition(1)
M48T248Y
M48T248V
Unit
–70
–85
Min
Typ
Max
Min
Typ
Max
ILI
(2)
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
±1
µA
ICC1
Supply Current
85
50
mA
ICC2
Supply Current (TTL
Standby)
CE = VIH
510
5
7
mA
ICC3
VCC Power Supply
Current
CE = VCCI – 0.2
35
2
3
mA
VIL
(3)
Input Low Voltage
–0.3
0.8
–0.3
0.6
V
VIH
(3)
Input High Voltage
2.2
VCC + 0.3
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.0 mA
0.4
0.4
V
VOH
Output High Voltage
IOH = –1.0 mA
2.4
2.4
V
VPFD
(3)
Power Fail Deselect
4.25
4.37
4.50
2.80
2.86
2.97
V
VSO
(3)
Battery Back-up
Switchover
VBAT
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com