Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T248Y Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T248Y
Description  5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T248Y Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T248Y Datasheet HTML 13Page - STMicroelectronics M48T248Y Datasheet HTML 14Page - STMicroelectronics M48T248Y Datasheet HTML 15Page - STMicroelectronics M48T248Y Datasheet HTML 16Page - STMicroelectronics M48T248Y Datasheet HTML 17Page - STMicroelectronics M48T248Y Datasheet HTML 18Page - STMicroelectronics M48T248Y Datasheet HTML 19Page - STMicroelectronics M48T248Y Datasheet HTML 20Page - STMicroelectronics M48T248Y Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17/24
M48T248Y, M48T248V
Clock Register Information
Clock information is contained in eight registers of
8 bits, each of which is sequentially accessed one
(1) bit at a time after the 64-bit pattern recognition
sequence has been completed. When updating
the clock registers, each must be handled in
groups of 8 bits. Writing and reading individual bits
within a register could produce erroneous results.
These READ/WRITE registers are defined in the
clock register map (see Table 10).
Data contained in the clock registers is in Binary
Coded Decimal format (BCD). Reading and writing
the registers is always accomplished by stepping
through all eight registers, starting with Bit 0 of
Register 0 and ending with Bit 7 of Register 7.
Clock Accuracy
The RTC is guaranteed to keep time accuracy to
with ±1 minute per month at 25°C. The clock is fac-
tory-tuned with special calibration elements, and
does not require additional calibration. Moderate
temperature deviation will have a negligible effect
in most applications.
AM-PM/12/24 Mode
Bit 7 of the hours register is defined as the 12-hour
or 24-hour mode select bit. When it is high, the 12-
hour mode is selected. In the 12-hour mode, Bit 5
is the AM/PM bit with the logic high being “PM.” In
the 24-hour mode, Bit 5 is the second 10-hour bit
(20-23 hours).
Oscillator and Reset Bits
Bits 4 and 5 of the day register are used to control
the reset and oscillator functions. Bit 4 controls the
reset pin input. When the reset bit is set to logic '1,'
the Reset Input pin is ignored. When the reset bit
logic is set to '0,' a low input on the reset pin will
cause the device to abort data transfer without
changing data in the timekeeping registers. Reset
operates independently of all other inputs. Bit 5
controls the oscillator. When set to logic '0,' the os-
cillator turns on and the RTC/calendar begins to
increment.
Zero Bits
Registers 1, 2, 3, 4, 5, and 6 contain one (1) or
more bits that will always read logic '0.' When writ-
ing to these locations, either a logic '1' or '0' is ac-
ceptable.
Table 10. Phantom Clock Register Map
Keys: A/P = AM/PM Bit
12/24 = 12 or 24-hour mode Bit
OSC = Oscillator Bit
RST = Reset Bit
0 = Must be set to '0'
Function/Range
BCD Format
Register
D7
D6
D5
D4
D3
D2
D1
D0
0
0.1 Seconds
0.01 Seconds
Seconds
00-99
1
0
10 Seconds
Seconds
Seconds
00-59
2
0
10 Minutes
Minutes
Minutes
00-59
3
12/24
0
10 /
A/P
Hrs
Hours (24 Hour Format)
Hours
01-12/
00-23
40
0
OSC
RST
0
Day of the Week
Day
01-7
5
0
0
10 date
Date: Day of the Month
Date
01-31
6
0
0
0
10M
Month
Month
01-12
7
10 Years
Year
Year
00-99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com