Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FW080 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M50FW080
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080 Datasheet(HTML) 1 Page - STMicroelectronics

  M50FW080 Datasheet HTML 1Page - STMicroelectronics M50FW080 Datasheet HTML 2Page - STMicroelectronics M50FW080 Datasheet HTML 3Page - STMicroelectronics M50FW080 Datasheet HTML 4Page - STMicroelectronics M50FW080 Datasheet HTML 5Page - STMicroelectronics M50FW080 Datasheet HTML 6Page - STMicroelectronics M50FW080 Datasheet HTML 7Page - STMicroelectronics M50FW080 Datasheet HTML 8Page - STMicroelectronics M50FW080 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
October 2006
Rev 10
1/56
1
M50FW080
8-Mbit (1 Mb ×8, Uniform Block)
3-V supply, Firmware Hub Flash memory
Feature summary
Supply voltage
–VCC = 3 V to 3.6 V for Program, Erase and
Read operations
–VPP = 12 V for fast program and fast erase
(optional)
Two interfaces
– Firmware Hub (FWH) Interface for
embedded operation with PC Chipsets
– Address/Address Multiplexed (A/A Mux)
Interface for programming equipment
compatibility
Firmware hub (FWH) hardware interface mode
– 5 signal communication interface
supporting Read and Write operations
– Hardware Write Protect pins for block
protection
– Register-based Read and Write Protection
– 5 additional general-purpose inputs for
platform design flexibility
– Synchronized with 33 MHz PCI clock
Programming time
– 10 µs typical
– Quadruple Byte Programming option
16 uniform 64 Kbyte memory blocks
Program/Erase Controller
– Embedded Byte Program and Block/Chip
Erase algorithms
– Status Register bits
Program and Erase Suspend
– Read other Blocks during Program/Erase
Suspend
– Program other Blocks during Erase
Suspend
For use in PC BIOS applications
Electronic signature
– Manufacturer code: 20h
– Device Code: 2Dh
Packages
– ECOPACK® (RoHS compliant)
TSOP32 (NB)
8 x 14mm
PLCC32 (K)
TSOP40 (N)
10 x 20mm
www.st.com


Similar Part No. - M50FW080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K STMICROELECTRONICS-M50FW002K Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K1 STMICROELECTRONICS-M50FW002K1 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K1T STMICROELECTRONICS-M50FW002K1T Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K5T STMICROELECTRONICS-M50FW002K5T Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
More results

Similar Description - M50FW080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
05-Apr-2002
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
12-Jul-2004
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50LPW080 STMICROELECTRONICS-M50LPW080 Datasheet
272Kb / 44P
8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
02-Aug-2004
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M50FW040 STMICROELECTRONICS-M50FW040_06 Datasheet
414Kb / 53P
4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
24-Oct-2006
M29F080D STMICROELECTRONICS-M29F080D_05 Datasheet
602Kb / 37P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com