Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FW080 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M50FW080
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M50FW080 Datasheet HTML 20Page - STMicroelectronics M50FW080 Datasheet HTML 21Page - STMicroelectronics M50FW080 Datasheet HTML 22Page - STMicroelectronics M50FW080 Datasheet HTML 23Page - STMicroelectronics M50FW080 Datasheet HTML 24Page - STMicroelectronics M50FW080 Datasheet HTML 25Page - STMicroelectronics M50FW080 Datasheet HTML 26Page - STMicroelectronics M50FW080 Datasheet HTML 27Page - STMicroelectronics M50FW080 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Command interface
M50FW080
24/55
4.4
Program command
The Program command can be used to program a value to one address in the memory array
at a time. Two Bus Write operations are required to issue the command; the second Bus
Write cycle latches the address and data in the internal state machine and starts the
Program/Erase Controller. Once the command is issued subsequent Bus Read operations
read the Status Register. See the section on the Status Register for details on the definitions
of the Status Register bits.
If the address falls in a protected block then the Program operation will abort, the data in the
memory array will not be changed and the Status Register will output the error.
During the Program operation the memory will only accept the Read Status Register
command and the Program/Erase Suspend command. All other commands will be ignored.
Typical Program times are given in Table 14.
Note that the Program command cannot change a bit set at ‘0’ back to ‘1’ and attempting to
do so will not cause any modification on its value. One of the Erase commands must be
used to set all of the bits in the block to ‘1’.
See Figure 18, for a suggested flowchart on using the Program command.
4.5
Quadruple Byte Program command
The Qua-druple Byte Program Command can be only used in A/A Mux mode to program
four adjacent bytes in the memory array at a time. The four bytes must differ only for the
addresses A0 and A10. Programming should not be attempted when VPP is not at VPPH.
The operation can also be executed if VPP is below VPPH, but result could be uncertain. Five
Bus Write operations are required to issue the command. The second, the third and the
fourth Bus Write cycle latches respectively the address and data of the first, the second and
the third byte in the internal state machine. The fifth Bus Write cycle latches the address and
data of the fourth byte in the internal state machine and starts the Program/Erase Controller.
Once the command is issued subsequent Bus Read operations read the Status Register.
See the section on the Status Register for details on the definitions of the Status Register
bits.
During the Quadruple Byte Program operation the memory will only accept the Read Status
register command and the Program/Erase Suspend command. All other commands will be
ignored. Typical Quadruple Byte Program times are given in Table 8.
Note that the Quadruple Byte Program command cannot change a bit set to ‘0’ back to ‘1’
and attempting to do so will not cause any modification on its value. One of the Erase
commands must be used to set all of the bits in the block to ‘1’.
See Figure 19, Quadruple Byte Program Flowchart and Pseudo Code, for a suggested
flowchart on using the Quadruple Byte Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com