Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FW080 Datasheet(PDF) 34 Page - STMicroelectronics

Part # M50FW080
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M50FW080 Datasheet HTML 30Page - STMicroelectronics M50FW080 Datasheet HTML 31Page - STMicroelectronics M50FW080 Datasheet HTML 32Page - STMicroelectronics M50FW080 Datasheet HTML 33Page - STMicroelectronics M50FW080 Datasheet HTML 34Page - STMicroelectronics M50FW080 Datasheet HTML 35Page - STMicroelectronics M50FW080 Datasheet HTML 36Page - STMicroelectronics M50FW080 Datasheet HTML 37Page - STMicroelectronics M50FW080 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Firmware Hub (FWH) interface Configuration Registers
M50FW080
34/55
6.3
Manufacturer Code Register
Reading the Manufacturer Code Register returns the manufacturer code for the memory.
The manufacturer code for STMicroelectronics is 20h. This register is read-only and writing
to it has no effect.
6.4
Device Code Register
Reading the Device Code Register returns the device code for the memory, 2Dh. This
register is read-only and writing to it has no effect.
Table 12.
Lock Register bit definitions(1)
1.
Applies to Top Block Lock Register (T_BLOCK_LK) and Top Block [-1] Lock Register (T_MINUS01_LK) to
Top Block [-15] Lock Register (T_MINUS15_LK).
Bit
Bit name
Value
Function
7-3
Reserved
2
Read-Lock
‘1’
Bus Read operations in this Block always return 00h.
‘0’
Bus read operations in this Block return the Memory Array contents.
(Default value).
1
Lock-Down
‘1’
Changes to the Read-Lock bit and the Write-Lock bit cannot be
performed. Once a ‘1’ is written to the Lock-Down bit it cannot be
cleared to ‘0’; the bit is always reset to ‘0’ following a Reset (using RP
or INIT) or after power-up.
‘0’
Read-Lock and Write-Lock can be changed by writing new values to
them. (Default value).
0Write-Lock
‘1’
Program and Block Erase operations in this Block will set an error in
the Status Register. The memory contents will not be changed.
(Default value).
‘0’
Program and Block Erase operations in this Block are executed and
will modify the Block contents.
Table 13.
General-Purpose Input Register definition(1)
1.
Applies to the General Purpose Input Register (FGPI_REG).
Bit
Bit Name
Value
Function
7-5
Reserved
4
FGPI4
‘1’
Input Pin FGPI4 is at VIH
‘0’
Input Pin FGPI4 is at VIL
3
FGPI3
‘1’
Input Pin FGPI3 is at VIH
‘0’
Input Pin FGPI3 is at VIL
2
FGPI2
‘1’
Input Pin FGPI2 is at VIH
‘0’
Input Pin FGPI2 is at VIL
1
FGPI1
‘1’
Input Pin FGPI1 is at VIH
‘0’
Input Pin FGPI1 is at VIL
0
FGPI0
‘1’
Input Pin FGPI0 is at VIH
‘0’
Input Pin FGPI0 is at VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com