Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW080N5T Datasheet(PDF) 22 Page - STMicroelectronics

Part # M50LPW080N5T
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080N5T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M50LPW080N5T Datasheet HTML 18Page - STMicroelectronics M50LPW080N5T Datasheet HTML 19Page - STMicroelectronics M50LPW080N5T Datasheet HTML 20Page - STMicroelectronics M50LPW080N5T Datasheet HTML 21Page - STMicroelectronics M50LPW080N5T Datasheet HTML 22Page - STMicroelectronics M50LPW080N5T Datasheet HTML 23Page - STMicroelectronics M50LPW080N5T Datasheet HTML 24Page - STMicroelectronics M50LPW080N5T Datasheet HTML 25Page - STMicroelectronics M50LPW080N5T Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
M50LPW080
22/44
Lock Down. The Lock Down Bit provides a
mechanism for protecting software data from sim-
ple hacking and malicious attack. When the Lock
Down Bit is set, ‘1’, further modification to the
Write Lock, Read Lock and Lock Down Bits cannot
be performed. A reset or power-up is required be-
fore changes to these bits can be made. When the
Lock Down Bit is reset, ‘0’, the Write Lock, Read
Lock and Lock Down Bits can be changed.
General Purpose Input Register
The General Purpose Input Register holds the
state of the General Purpose Input pins, GPI0-
GPI4. When this register is read, the state of these
pins is returned. This register is read-only and writ-
ing to it has no effect.
The signals on the General Purpose Input pins
should remain constant throughout the whole Bus
Read cycle in order to guarantee that the correct
data is read.
Table 13. Lock Register Bit Definitions
Note: Applies to Top Block Lock Register (T_BLOCK_LK) and Top Block [-1] Lock Register (T_MINUS01_LK) to Top Block [-15] Lock Reg-
ister (T_MINUS15_LK).
Table 14. General Purpose Input Register Definition
Note: Applies to the General Purpose Input Register (GPI_REG).
Bit
Bit Name
Value
Function
7-3
Reserved
2
Read-Lock
‘1’
Bus Read operations in this Block always return 00h.
‘0’
Bus read operations in this Block return the Memory Array contents. (Default
value).
1
Lock-Down
‘1’
Changes to the Read-Lock bit and the Write-Lock bit cannot be performed. Once a
‘1’ is written to the Lock-Down bit it cannot be cleared to ‘0’; the bit is always reset
to ‘0’ following a Reset (using RP or INIT) or after power-up.
‘0’
Read-Lock and Write-Lock can be changed by writing new values to them. (Default
value).
0
Write-Lock
‘1’
Program and Block Erase operations in this Block will set an error in the Status
Register. The memory contents will not be changed. (Default value).
‘0’
Program and Block Erase operations in this Block are executed and will modify the
Block contents.
Bit
Bit Name
Value
Function
7-5
Reserved
4GPI4
‘1’
Input Pin GPI4 is at VIH
‘0’
Input Pin GPI4 is at VIL
3GPI3
‘1’
Input Pin GPI3 is at VIH
‘0’
Input Pin GPI3 is at VIL
2GPI2
‘1’
Input Pin GPI2 is at VIH
‘0’
Input Pin GPI2 is at VIL
1GPI1
‘1’
Input Pin GPI1 is at VIH
‘0’
Input Pin GPI1 is at VIL
0GPI0
‘1’
Input Pin GPI0 is at VIH
‘0’
Input Pin GPI0 is at VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com