Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW080N5T Datasheet(PDF) 30 Page - STMicroelectronics

Part # M50LPW080N5T
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080N5T Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M50LPW080N5T Datasheet HTML 26Page - STMicroelectronics M50LPW080N5T Datasheet HTML 27Page - STMicroelectronics M50LPW080N5T Datasheet HTML 28Page - STMicroelectronics M50LPW080N5T Datasheet HTML 29Page - STMicroelectronics M50LPW080N5T Datasheet HTML 30Page - STMicroelectronics M50LPW080N5T Datasheet HTML 31Page - STMicroelectronics M50LPW080N5T Datasheet HTML 32Page - STMicroelectronics M50LPW080N5T Datasheet HTML 33Page - STMicroelectronics M50LPW080N5T Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
M50LPW080
30/44
Figure 12. Reset AC Waveforms
Table 24. Reset AC Characteristics
Note: 1. See Chapter 4 of the PCI Specification.
Symbol
Parameter
Test Condition
Value
Unit
tPLPH
RP or INIT Reset Pulse Width
Min
100
ns
tPLRH
RP or INIT Low to Reset
Program/Erase Inactive
Max
100
ns
Program/Erase Active
Max
30
µs
RP or INIT Slew Rate(1)
Rising edge only
Min
50
mV/ns
tPHFL
RP or INIT High to LFRAME Low
LPC Interface only
Min
30
µs
tPHWL
tPHGL
RP High to Write Enable or Output
Enable Low
A/A Mux Interface only
Min
50
µs
AI04432
RP, INIT
W, G, LFRAME
tPLPH
RB
tPLRH
tPHWL, tPHGL, tPHFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com