Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW080N5T Datasheet(PDF) 25 Page - STMicroelectronics

Part # M50LPW080N5T
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080N5T Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M50LPW080N5T Datasheet HTML 21Page - STMicroelectronics M50LPW080N5T Datasheet HTML 22Page - STMicroelectronics M50LPW080N5T Datasheet HTML 23Page - STMicroelectronics M50LPW080N5T Datasheet HTML 24Page - STMicroelectronics M50LPW080N5T Datasheet HTML 25Page - STMicroelectronics M50LPW080N5T Datasheet HTML 26Page - STMicroelectronics M50LPW080N5T Datasheet HTML 27Page - STMicroelectronics M50LPW080N5T Datasheet HTML 28Page - STMicroelectronics M50LPW080N5T Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
25/44
M50LPW080
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 17., Table 18.
and Table 19. Designers should check that the op-
erating conditions in their circuit match the operat-
ing conditions when relying on the quoted
parameters.
Table 17. Operating Conditions
Table 18. LPC Interface AC Measurement Conditions
Table 19. A/A Mux Interface AC Measurement Conditions
Figure 8. LPC Interface AC Testing Input Output Waveforms
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
3.0
3.6
V
TA
Ambient Operating Temperature (Device Grade 1)
0
70
°C
Ambient Operating Temperature (Device Grade 5)
–20
85
°C
Parameter
Value
Unit
Load Capacitance (CL)
10
pF
Input Rise and Fall Times
≤ 1.4
ns
Input Pulse Voltages
0.2 VCC and 0.6 VCC
V
Input and Output Timing Ref. Voltages
0.4 VCC
V
Parameter
Value
Unit
Load Capacitance (CL)
30
pF
Input Rise and Fall Times
≤ 10
ns
Input Pulse Voltages
0 to 3
V
Input and Output Timing Ref. Voltages
1.5
V
AI03404
0.6 VCC
0.2 VCC
0.4 VCC
IO > ILO
IO < ILO
IO < ILO
Input and Output AC Testing Waveform
Output AC Tri-state Testing Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com