Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW080N5T Datasheet(PDF) 27 Page - STMicroelectronics

Part # M50LPW080N5T
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080N5T Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M50LPW080N5T Datasheet HTML 23Page - STMicroelectronics M50LPW080N5T Datasheet HTML 24Page - STMicroelectronics M50LPW080N5T Datasheet HTML 25Page - STMicroelectronics M50LPW080N5T Datasheet HTML 26Page - STMicroelectronics M50LPW080N5T Datasheet HTML 27Page - STMicroelectronics M50LPW080N5T Datasheet HTML 28Page - STMicroelectronics M50LPW080N5T Datasheet HTML 29Page - STMicroelectronics M50LPW080N5T Datasheet HTML 30Page - STMicroelectronics M50LPW080N5T Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
27/44
M50LPW080
Table 21. DC Characteristics
Note: 1. Sampled only, not 100% tested.
2. Input leakage currents include High-Z output leakage for all bi-directional buffers with tri-state outputs.
Symbol
Parameter
Interface
Test Condition
Min
Max
Unit
VIH
Input High Voltage
LPC
0.5 VCC
VCC + 0.5
V
A/A Mux
0.7 VCC
VCC + 0.3
V
VIL
Input Low Voltage
LPC
–0.5
0.3 VCC
V
A/A Mux
-0.5
0.8
V
VIH(INIT)
INIT Input High Voltage
LPC
1.35
VCC + 0.5
V
VIL(INIT)
INIT Input Low Voltage
LPC
–0.5
0.2 VCC
V
ILI
(2)
Input Leakage Current
0V
≤ VIN ≤ VCC
±10
µA
ILI2
IC, IDx Input Leakage
Current
IC, ID0, ID1 = VCC
200
µA
RIL
IC, IDx Input Pull Low
Resistor
20
100
k
Ω
VOH
Output High Voltage
LPC
IOH = –500µA
0.9 VCC
V
A/A Mux
IOH = –100µA
VCC – 0.4
V
VOL
Output Low Voltage
LPC
IOL = 1.5mA
0.1 VCC
V
A/A Mux
IOL = 1.8mA
0.45
V
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
µA
VPP1
VPP Voltage
33.6
V
VPPH
VPP Voltage (Fast
Program/Fast Erase)
11.4
12.6
V
VPPLK
(1)
VPP Lockout Voltage
1.5
V
VLKO
(1)
VCC Lockout Voltage
1.8
2.3
V
ICC1
Supply Current (Standby)
LPC
LFRAME = 0.9 VCC, VPP = VCC
All other inputs 0.9 VCC to 0.1 VCC
VCC = 3.6V, f(CLK) = 33MHz
100
µA
ICC2
Supply Current (Standby)
LPC
LFRAME = 0.1 VCC, VPP = VCC
All other inputs 0.9 VCC to 0.1 VCC
VCC = 3.6V, f(CLK) = 33MHz
10
mA
ICC3
Supply Current
(Any internal operation
active)
LPC
VCC = VCC max, VPP = VCC
f(CLK) = 33MHz
IOUT = 0mA
60
mA
ICC4
Supply Current (Read)
A/A Mux
G = VIH, f = 6MHz
20
mA
ICC5
(1)
Supply Current
(Program/Erase)
A/A Mux
Program/Erase Controller Active
20
mA
IPP
VPP Supply Current
(Read/Standby)
VPP > VCC
400
µA
IPP1
(1)
VPP Supply Current
(Program/Erase active)
VPP = VCC
40
mA
VPP = 12V ± 5%
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com