Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2136 Datasheet(PDF) 34 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 30Page - Texas Instruments TUSB2136_07 Datasheet HTML 31Page - Texas Instruments TUSB2136_07 Datasheet HTML 32Page - Texas Instruments TUSB2136_07 Datasheet HTML 33Page - Texas Instruments TUSB2136_07 Datasheet HTML 34Page - Texas Instruments TUSB2136_07 Datasheet HTML 35Page - Texas Instruments TUSB2136_07 Datasheet HTML 36Page - Texas Instruments TUSB2136_07 Datasheet HTML 37Page - Texas Instruments TUSB2136_07 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
2−21
2.9.1
8052 Standard Interrupt Enable Register
7
6
5
4
3
210
EA
RSV
ET2
ES
ET1
EX1
ET0
INT0
R/W
R/O
R/O
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
INT0
0
Enable or disable external interrupt-0
0
INT0
0
EX0 = 0
External interrupt-0 is disabled.
EX0 = 1
External interrupt-0 is enabled.
1
ET0
0
Enable or disable timer-0 interrupt
1
ET0
0
ET0 = 0
Timer-0 interrupt is disabled.
ET0 = 1
Timer-0 interrupt is enabled.
2
EX1
0
Enable or disable external interrupt-1
2
EX1
0
EX1 = 0
External interrupt-1 is disabled.
EX1 = 1
External interrupt-1 is enabled.
3
ET1
0
Enable or disable timer-1 interrupt
3
ET1
0
ET1 = 0
Timer-1 interrupt is disabled.
ET1 = 1
Timer-1 interrupt is enabled.
4
ES
0
Enable or disable serial port interrupts
4
ES
0
ES = 0
Serial port interrupt is disabled.
ES = 1
Serial port interrupt is enabled.
5
ET2
0
Enable or disable timer-2 interrupt
5
ET2
0
ET2 = 0
Timer-2 interrupt is disabled.
ET2 = 1
Timer-2 interrupt is enabled.
6
RSV
0
Reserved
7
EA
0
Enable or disable all interrupts (global disable)
7
EA
0
EA = 0
Disable all interrupts.
EA = 1
Each interrupt source is individually controlled.
2.9.2
Additional Interrupt Sources
All nonstandard 8052 interrupts (USB, I2C, etc.) are connected as an OR to generate an internal INT0. It must be
noted that the external INT0 and INT1 are not used. Furthermore, INT0 must be programmed as an active-low level
interrupt (not edge-triggered). A vector interrupt register is provided to identify all interrupt sources (see vector
interrupt register definition, Section 2.9.3). Up to 64 interrupt vectors are provided. It is the responsibility of the MCU
to read the vector and dispatch the proper interrupt routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com