Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2136 Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 13Page - Texas Instruments TUSB2136_07 Datasheet HTML 14Page - Texas Instruments TUSB2136_07 Datasheet HTML 15Page - Texas Instruments TUSB2136_07 Datasheet HTML 16Page - Texas Instruments TUSB2136_07 Datasheet HTML 17Page - Texas Instruments TUSB2136_07 Datasheet HTML 18Page - Texas Instruments TUSB2136_07 Datasheet HTML 19Page - Texas Instruments TUSB2136_07 Datasheet HTML 20Page - Texas Instruments TUSB2136_07 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
2−4
2.2.6
PCON: Power Control Register (at SFR 87h)
7
6
5
4
3
210
SMOD
RSV
RSV
RSV
GF1
GF0
RSV
IDL
R/W
R/O
R/O
R/O
R/W
R/W
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
IDL
0
MCU idle mode bit. This bit can be set by the MCU and is cleared only by the INT1 interrupt.
0
IDL
0
IDL = 0
The MCU is not in idle mode. This bit is cleared by the INT1 interrupt logic when INT1 is
asserted for at least 400
µs.
IDL = 1
The MCU is in idle mode and RAM is in low-power mode. The oscillator/APLL is off and the
WDT is suspended. When in suspend mode, only INT1 can be used to exit from the idle state
and generate an interrupt. INT1 must be asserted for at least 400
µs for the interrupt to be
recognized.
1
RSV
0
Reserved
3−2
GF[1:0]
00
General-purpose bits. The MCU can write and read them.
6−4
RSV
0
Reserved
7
SMOD
0
Double baud-rate control bit. For more information see the UART serial interface in the M8052 core
specification.
2.3
Buffers + I/O RAM Map
The address range from FD80 to FFFF is reserved for data buffers, setup packet, endpoint descriptor blocks (EDB),
and all I/O. RAM space of 512 bytes [FD80−FF7F] is used for EDB and buffers. The FF80−FFFF range is used for
memory-mapped registers (MMR). Table 2−1 represents the internal XDATA space allocation.
Table 2−1. XDATA Space
DESCRIPTION
ADDRESS RANGE
FFFF
Internal
Internal
memory mapped registers
↑
memory mapped registers
(MMR)
↑
memory mapped registers
(MMR)
FF80
FF7F
Endpoint descriptor blocks
Endpoint descriptor blocks
(EDB)
↑
(EDB)
FF08
FF07
Setup packet buffer
↑
Setup packet buffer
FF00
FEFF
512 -Byte
Input endpoint-0 buffer
↑
512 -Byte
RAM
Input endpoint-0 buffer
FEF8
RAM
FEF7
Output endpoint-0 buffer
↑
Output endpoint-0 buffer
FEF0
FEEF
Data buffers
Data buffers
(368 bytes)
↑
Data buffers
(368 bytes)
↑
(368 bytes)
FD80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com