Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2136 Datasheet(PDF) 48 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 44Page - Texas Instruments TUSB2136_07 Datasheet HTML 45Page - Texas Instruments TUSB2136_07 Datasheet HTML 46Page - Texas Instruments TUSB2136_07 Datasheet HTML 47Page - Texas Instruments TUSB2136_07 Datasheet HTML 48Page - Texas Instruments TUSB2136_07 Datasheet HTML 49Page - Texas Instruments TUSB2136_07 Datasheet HTML 50Page - Texas Instruments TUSB2136_07 Datasheet HTML 51Page - Texas Instruments TUSB2136_07 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
4−3
15 k
Ω
D+
D−
DP1
DM1
15 k
Ω
R1
R2
5 V
GND
To Power Switch
Figure 4−5. Downstream Connection − Only One Port Shown
4.2
Reset Timing
There are two requirements for the reset signal timing. First, the reset window should be between 100
ms and 10 ms.
At power up, this time is measured from the time the power ramps up to 90% of the nominal VCC until the reset signal
goes high (above 1.2 V). The second requirement is that the clock has to be valid during the last 60
ms of the reset
window. These two requirements are depicted in Figure 4−6. Notice that when using a 12-MHz crystal or the 48-MHz
oscillator, the clock signal may take several milliseconds to ramp up and become valid after power up. Therefore, the
reset window may need to be elongated up to 10 ms to ensure that there is a 60-
ms overlap with a valid clock.
CLK
RESET
t
VCC
90%
3.3 V
1.2 V
0 V
>60
µs
100
µs < RESET TIME < 10 ms
Figure 4−6. Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com