Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2136 Datasheet(PDF) 26 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 22Page - Texas Instruments TUSB2136_07 Datasheet HTML 23Page - Texas Instruments TUSB2136_07 Datasheet HTML 24Page - Texas Instruments TUSB2136_07 Datasheet HTML 25Page - Texas Instruments TUSB2136_07 Datasheet HTML 26Page - Texas Instruments TUSB2136_07 Datasheet HTML 27Page - Texas Instruments TUSB2136_07 Datasheet HTML 28Page - Texas Instruments TUSB2136_07 Datasheet HTML 29Page - Texas Instruments TUSB2136_07 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
2−13
2.5.4
OEPBCNT_0: Output Endpoint-0 Byte Count Register
7
6
5
4
3
210
NAK
RSV
RSV
RSV
C3
C2
C1
C0
R/W
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
3−0
C[3:0]
0000
Byte count:
0000b
³ Count = 0
L
0111b
³ Count = 7
1000b
³ Count = 8
1001b to 1111b are reserved. (If used, defaults to 8)
6−4
RSV
0
Reserved = 0
7
NAK
1
NAK= 0 No valid data in buffer. Ready for host out
NAK= 1 Buffer contains a valid packet from the host (NAK the host).
2.6
USB Registers
2.6.1
FUNADR: Function Address Register
This register contains the device function address.
7
6
5
4
3
210
RSV
FA6
FA5
FA4
FA3
FA2
FA1
FA0
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6−0
FA[6:0]
0000000
These bits define the current device address assigned to the function. The MCU writes a value to this
register as a result of the SET-ADDRESS host command.
7
RSV
0
Reserved = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com