Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041DDBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV9041DDBVR
Description  TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9041DDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9041DDBVR Datasheet HTML 17Page - Texas Instruments TLV9041DDBVR Datasheet HTML 18Page - Texas Instruments TLV9041DDBVR Datasheet HTML 19Page - Texas Instruments TLV9041DDBVR Datasheet HTML 20Page - Texas Instruments TLV9041DDBVR Datasheet HTML 21Page - Texas Instruments TLV9041DDBVR Datasheet HTML 22Page - Texas Instruments TLV9041DDBVR Datasheet HTML 23Page - Texas Instruments TLV9041DDBVR Datasheet HTML 24Page - Texas Instruments TLV9041DDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The TLV904xD family of low-power, rail-to-rail input and output operational amplifiers is specifically designed for
portable, high gain applications. The devices operate from 1.2V to 5.5V, are stable above 10V/V and are suitable
for a wide range of general-purpose applications. The class AB output stage is capable of driving resistive loads
greater than 2kΩ connected to any point between V+ and V–. The input common-mode voltage range includes
both rails and allows the TLV904xD series to be used in many single-supply or dual supply configurations.
7.2 Typical Application
7.2.1 TLV904xD Low-Side, Current Sensing Application
Figure 7-1 shows the TLV904xD configured in a low-side current sensing application.
I
LOAD
Z
LOAD
V
BUS
V
SHUNT
R
SHUNT
0.1 Ÿ
R
F
57.6 NŸ
R
G
1.2 NŸ
V
OUT
5 V
+
í
Device
+
í
Figure 7-1. TLV904xD in a Low-Side, Current-Sensing Application
www.ti.com
TLV9041D, TLV9042D
SLVSK32A – DECEMBER 2025 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9041D TLV9042D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com