Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041DDBVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV9041DDBVR
Description  TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9041DDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV9041DDBVR Datasheet HTML 18Page - Texas Instruments TLV9041DDBVR Datasheet HTML 19Page - Texas Instruments TLV9041DDBVR Datasheet HTML 20Page - Texas Instruments TLV9041DDBVR Datasheet HTML 21Page - Texas Instruments TLV9041DDBVR Datasheet HTML 22Page - Texas Instruments TLV9041DDBVR Datasheet HTML 23Page - Texas Instruments TLV9041DDBVR Datasheet HTML 24Page - Texas Instruments TLV9041DDBVR Datasheet HTML 25Page - Texas Instruments TLV9041DDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
7.2.1.1 Design Requirements
The design requirements for this design are:
• Load current: 0A to 1A
• Maximum output voltage: 4.9V
• Maximum shunt voltage: 100mV
7.2.1.2 Detailed Design Procedure
The transfer function of the circuit in Figure 7-1 is given in Equation 1.
VOUT=ILOAD ×RSHUNT ×Gain
(1)
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set from
0A to 1A. To keep the shunt voltage below 100mV at maximum load current, the largest shunt resistor is shown
using Equation 2.
RSHUNT=VSHUNT_MAX
ILOAD_MAX =100mV1A=100mΩ
(2)
Using Equation 2, RSHUNT is calculated to be 100mΩ. The voltage drop produced by ILOAD and RSHUNT is
amplified by the TLV904xD to produce an output voltage of approximately 0V to 4.9V. The gain needed by the
TLV904xD to produce the necessary output voltage is calculated using Equation 3.
Gain= VOUT_MAX−VOUT_MIN
VIN_MAX−VIN_MIN
(3)
Using Equation 3, the required gain is calculated to be 49V/V, which is set with resistors RF and RG. Equation 4
sizes the resistors RF and RG, to set the gain of the TLV904xD to 49V/V.
Gain=1+RFRG
(4)
Selecting RF as 57.6kΩ and RG as 1.2kΩ provides a combination that equals 49V/V. Figure 7-2 shows the
measured transfer function of the circuit shown in Figure 7-1. Notice that the gain is only a function of the
feedback and gain resistors. This gain is adjusted by varying the ratio of the resistors and the actual resistors
values are determined by the impedance levels that the designer wants to establish. The impedance level
determines the current drain, the effect that stray capacitance has, and a few other behaviors. There is no
optimal impedance selection that works for every system; you must choose an impedance that is ideal for your
system parameters.
7.2.1.3 Application Curve
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
I
LOAD (A)
C219
Figure 7-2. Low-Side, Current-Sense Transfer Function
TLV9041D, TLV9042D
SLVSK32A – DECEMBER 2025 – REVISED MARCH 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TLV9041D TLV9042D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com