Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041DDBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV9041DDBVR
Description  TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9041DDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV9041DDBVR Datasheet HTML 3Page - Texas Instruments TLV9041DDBVR Datasheet HTML 4Page - Texas Instruments TLV9041DDBVR Datasheet HTML 5Page - Texas Instruments TLV9041DDBVR Datasheet HTML 6Page - Texas Instruments TLV9041DDBVR Datasheet HTML 7Page - Texas Instruments TLV9041DDBVR Datasheet HTML 8Page - Texas Instruments TLV9041DDBVR Datasheet HTML 9Page - Texas Instruments TLV9041DDBVR Datasheet HTML 10Page - Texas Instruments TLV9041DDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
5.6 Electrical Characteristics
For VS = (V+) – (V–) = 1.2 V to 5.5 V (±0.6 V to ±2.75 V) at TA = 25°C, RF = 180kΩ, G = 10 V/V, RL = 100 kΩ connected to
VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±0.5
±1.8
mV
TA = –40°C to 125°C
±2
dVOS/dT
Input offset voltage
drift
TA = –40°C to 125°C
±0.4
µV/
℃
PSRR
Input offset voltage
versus power supply
VS = ±0.6V to ±2.75V , VCM = V–
80
95
dB
INPUT BIAS CURRENT
IB
Input bias current (1)
±0.5
±3
pA
IOS
Input offset current (1)
±0.5
±2.5
pA
NOISE
EN
Input voltage noise
f = 0.1 to 10Hz
4.5
μVPP
eN
Input voltage noise
density
f = 100Hz
55
nV/√Hz
f = 1kHz
36
f = 10kHz
33
iN
Input current noise (2)
f = 1kHz
10
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode
voltage range
(V–)
(V+)
V
CMRR
Common-mode
rejection ratio
(V–) < VCM < (V+) – 0.7V, VS = 1.2V
TA = –40°C to 125°C
65
80
dB
(V–) < VCM < (V+) – 0.7V, VS = 5.5V
76
89
(V–) < VCM < (V+), VS = 1.2V
60
(V–) < VCM < (V+), VS = 5.5V
58
72
INPUT IMPEDANCE
ZID
Differential
80 || 2
GΩ || pF
ZICM
Common-mode
100 || 1
GΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage
gain
VS = 1.2V, (V–) + 0.2V < VO < (V+) – 0.2V,
RL = 10kΩ to VS / 2
TA = –40°C to 125°C
100
dB
VS = 5.5V, (V–) + 0.2V < VO < (V+) – 0.2V,
RL = 10kΩ to VS / 2
127
VS = 1.2V, (V–) + 0.1V < VO < (V+) – 0.1V,
RL = 100kΩ to VS / 2
110
VS = 5.5V, (V–) + 0.1V < VO < (V+) – 0.1V,
RL = 100kΩ to VS / 2
109
125
FREQUENCY RESPONSE
THD+N
Total harmonic
distortion + noise (3)
VS = 5.5V, VCM = 2.75V, VO = 1VRMS, G = +10, f = 1kHz,
RL = 100kΩ to VS / 2
0.02
%
GBW
Gain-bandwidth
product
G = 100V/V, RF = 1.8MΩ, RL = 1MΩ connected to VS/2
3.1
MHz
SR
Slew rate
VS = 5.5V, G = +10, CL = 10pF, TLV9041D
VS = 5.5 V, G = +10,
CL = 10 pF
1.5
V/μs
SR
Slew rate
VS = 5.5 V, G = +10, CL = 10 pF, TLV9042D
0.8
V/μs
tS
Settling time
To 0.1%, VS = 5.5V, VSTEP = 400mV, G = +10, CL = 10 pF
23
μs
To 0.1%, VS = 5.5V, VSTEP = 200mV, G = +10, CL = 10pF
22
To 0.01%, VS = 5.5V, VSTEP = 400mV, G = +10, CL = 10pF
32
To 0.01%, VS = 5.5V, VSTEP = 200mV, G = +10, CL = 10pF
31
Phase margin
CL = 10pF
72
°
Overload recovery
time
VIN × gain > VS (TLV9041D)
VIN × gain > VS
5
μs
www.ti.com
TLV9041D, TLV9042D
SLVSK32A – DECEMBER 2025 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV9041D TLV9042D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com