Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2131 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2131
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2131 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2131 Datasheet HTML 1Page - Micrel Semiconductor MIC2131 Datasheet HTML 2Page - Micrel Semiconductor MIC2131 Datasheet HTML 3Page - Micrel Semiconductor MIC2131 Datasheet HTML 4Page - Micrel Semiconductor MIC2131 Datasheet HTML 5Page - Micrel Semiconductor MIC2131 Datasheet HTML 6Page - Micrel Semiconductor MIC2131 Datasheet HTML 7Page - Micrel Semiconductor MIC2131 Datasheet HTML 8Page - Micrel Semiconductor MIC2131 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
5
M9999-042108-C
Parameter
Condition
Min
Typ
Max
Units
HCL Low
ILIMIT set to normal when HCL is low
0.5
V
HCL Pin Charge Up Current
2.9
µA
HCL Pin Charge Down Current
12
µA
LOW/EMI
Frequency Dither Range
Of center freq
±12
%
Current Sense
CS Over Current Trip Point
Program Current
170
200
230
µA
Temperature Coefficient
+2300
ppm/
°C
CS Comparator Sense
Threshold
(Senses drop across low-side FET)
–5
0
+5
mV
Power Good
VFB Threshold
86
90
93
%Nom
PGOOD Voltage Low
VDD = 5.0V; VFB = 0V; IPGOOD = 1mA
0.1
0.5
V
Gate Drivers
Rise/Fall Time
Into 3000pF
Source
Sink
23
16
ns
ns
Output Driver Resistance
HSD: Source; VDD = 5V
HSD: Sink; VDD = 5V
LSD: Source; VDD = 5V
LSD: Sink; VDD = 5V
2
1.47
2.2
2.1
Ω
Ω
Ω
Ω
Driver Non-Overlap Time
(Adaptive)
Note 4
40
60
ns
TJ Increasing
155
°C
Thermal Shutdown Threshold
TJ Decreasing
142
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. Electrical specifications do not apply when operating the device outside of its operating ratings. The maximum allowable power dissipation is a
function of the maximum junction temperature, TJ(Max), the junction-to-ambient thermal resistance, θ JA, and the ambient temperature, TA. The
maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Guaranteed by design.
5. Minimum on-time before automatic cycle skipping begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com