Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2131 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2131
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2131 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2131 Datasheet HTML 1Page - Micrel Semiconductor MIC2131 Datasheet HTML 2Page - Micrel Semiconductor MIC2131 Datasheet HTML 3Page - Micrel Semiconductor MIC2131 Datasheet HTML 4Page - Micrel Semiconductor MIC2131 Datasheet HTML 5Page - Micrel Semiconductor MIC2131 Datasheet HTML 6Page - Micrel Semiconductor MIC2131 Datasheet HTML 7Page - Micrel Semiconductor MIC2131 Datasheet HTML 8Page - Micrel Semiconductor MIC2131 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
2
M9999-042108-C
Ordering Information
Part Number
Frequency
Output
Voltage
Low EMI
Junction Temp.
Range
Package
Lead Finish
MIC2130-1YML
150kHz
Adj.
No
–40° to +125°C
16-Pin 4x4 MLF
®
Pb-Free
MIC2130-4YML
400kHz
Adj.
No
–40° to +125°C
16-Pin 4x4 MLF
®
Pb-Free
MIC2130-1YTSE
150kHz
Adj.
No
–40° to +125°C
16-Pin e-TSSOP
Pb-Free
MIC2130-4YTSE
400kHz
Adj.
No
–40° to +125°C
16-Pin e-TSSOP
Pb-Free
MIC2131-1YML
150kHz
Adj.
Yes
–40° to +125°C
16-Pin 4x4 MLF
®
Pb-Free
MIC2131-4YML
400kHz
Adj.
Yes
–40° to +125°C
16-Pin 4x4 MLF
®
Pb-Free
MIC2131-1YTSE
150kHz
Adj.
Yes
–40° to +125°C
16-Pin e-TSSOP
Pb-Free
MIC2131-4YTSE
400kHz
Adj.
Yes
–40° to +125°C
16-Pin e-TSSOP
Pb-Free
Pin Configuration
HCL/AGND2
SS
FB
COMP
HSD
SW
PGND
LSD
1
AVDD
PGOOD
HCL/AGND2
SS
FB
COMP
AGND1
EN/UVLO
16 CS
BST
HSD
SW
PGND
LSD
VDD
VIN
15
14
13
12
11
10
9
2
3
4
5
6
7
8
16-Pin 4mm x 4mm MLF
®
(ML)
16-Pin e-TSSOP (TS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com