Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2131 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2131
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2131 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2131 Datasheet HTML 1Page - Micrel Semiconductor MIC2131 Datasheet HTML 2Page - Micrel Semiconductor MIC2131 Datasheet HTML 3Page - Micrel Semiconductor MIC2131 Datasheet HTML 4Page - Micrel Semiconductor MIC2131 Datasheet HTML 5Page - Micrel Semiconductor MIC2131 Datasheet HTML 6Page - Micrel Semiconductor MIC2131 Datasheet HTML 7Page - Micrel Semiconductor MIC2131 Datasheet HTML 8Page - Micrel Semiconductor MIC2131 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
3
M9999-042108-C
Pin Description
Pin Number
MLF-16
Pin Number
e-TSSOP-16
Pin Name
Pin Function
1
3
HCL*
AGND2
High Current Limit (Output): The capacitor on this pin sets
the duration of time so that the current limit will be set to
200% of its nominal set current. AGND2 for MIC2130
2
4
SS
Soft Start (Output): Active at Power-up, Enable, and Current
Limit recovery.
3
5
FB
Feedback (Output): Input to error amplifier. Regulates to
0.7V.
4
6
COMP
Compensation (Output): Pin for external compensation.
5
7
AGND1
Analog Ground.
6
8
EN/UVLO
Enable (Input): Logic low turns the IC off. When the voltage
drops below the band gap reference voltage of the IC the
device turns off. This accurate threshold allows the pin to be
used as an accurate under voltage lockout.
7
9
VIN
Supply Voltage (Input): 8V to 40V.
8
10
VDD
5V Internal Linear Regulator from VIN. When VIN is <8V,
this regulator operates in drop-out mode. Connect external
bypass capacitor.
9
11
LSD
Low-Side Drive (Output): High-current driver output for
external low-side MOSFET.
10
12
PGND
Power Ground: High current return for ext. Low side driver.
11
13
SW
Switch Node (Output): High current output driver return.
12
14
HSD
High-Side Drive (Output): High current output-driver for ext.
high-side MOSFET.
13
15
BST
Boost (Output): Provides voltage for high-side MOSFET
driver. The gate drive voltage is higher than the source
voltage by VDD minus a diode drop.
14
16
CS
Current Sense (Output): Current-limit comparator non
inverting input. The current limit is sensed across the low-
side FET during the OFF time. Current limit is set by the
resistor in series with the CS pin.
15
1
AVDD
Analog Supply Voltage (internal 5V LDO): Connect external
By pass capacitor.
16
2
PGOOD
Power Good (Output): High output when VOUT > 90%
nominal.
Note:
* indicates that is only used on MIC2131.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com