Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2131 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2131
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2131 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2131 Datasheet HTML 9Page - Micrel Semiconductor MIC2131 Datasheet HTML 10Page - Micrel Semiconductor MIC2131 Datasheet HTML 11Page - Micrel Semiconductor MIC2131 Datasheet HTML 12Page - Micrel Semiconductor MIC2131 Datasheet HTML 13Page - Micrel Semiconductor MIC2131 Datasheet HTML 14Page - Micrel Semiconductor MIC2131 Datasheet HTML 15Page - Micrel Semiconductor MIC2131 Datasheet HTML 16Page - Micrel Semiconductor MIC2131 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
13
M9999-042108-C
Adaptive Gate Drive
There is a period when both driver outputs are held off
(‘dead time’) to prevent shoot through current flowing.
Shoot through current flows if both MOSFETS are on
momentarily as the same time and reduces efficiency
and can destroy the FETs. This dead time must be kept
to a minimum to reduce losses in the free wheeling
diode which could either be an external Schottky diode
placed across the lower MOSFET or the internal
Schottky diode implemented in some MOSFETs. It is not
recommended, for high current designs, to rely on the
intrinsic body diode of the power MOSFET.
These
typically have large forward voltage drops and a slow
reverse recovery characteristic which will add significant
losses to the regulator. Dependant upon the MOSFETs
used, the dead time could be required to be 150ns or
20ns. The MIC2130/31 solves this variability issue by
using an adaptive gate-drive scheme.
When the High side driver is turned off, the inductor
forces the voltage at the switching node (low side
MOSFET drain) towards ground to keep current flowing.
When the SW pin is detected to have reached 1V, the
top MOSFET can be assumed to be off and the low side
driver output is immediately turned on. There is also a
short delay between the low side drive turning off and
the high side driver turning on. This is fixed at ~80ns to
allow for large gate charge MOSFETs to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com