Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F310 Datasheet(PDF) 81 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 81 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 77Page - Silicon Laboratories C8051F310 Datasheet HTML 78Page - Silicon Laboratories C8051F310 Datasheet HTML 79Page - Silicon Laboratories C8051F310 Datasheet HTML 80Page - Silicon Laboratories C8051F310 Datasheet HTML 81Page - Silicon Laboratories C8051F310 Datasheet HTML 82Page - Silicon Laboratories C8051F310 Datasheet HTML 83Page - Silicon Laboratories C8051F310 Datasheet HTML 84Page - Silicon Laboratories C8051F310 Datasheet HTML 85Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 228 page
background image
Rev. 1.7
81
C8051F310/1/2/3/4/5/6/7
CIP-51 Instruction Set Summary, which includes the mnemonic, number of bytes, and number of clock
cycles for each instruction.
8.1.2. MOVX Instruction and Program Memory
The MOVX instruction is typically used to access external data memory (Note: the C8051F31x does not
support external data or program memory). In the CIP-51, the MOVX write instruction is used to accesses
external RAM and the on-chip program memory space implemented as re-programmable Flash memory.
The Flash access feature provides a mechanism for the CIP-51 to update program code and use the pro-
gram memory space for non-volatile data storage. Refer to Section “10. Flash Memory” on page 111 for
further details.
Table 8.1. CIP-51 Instruction Set Summary
Mnemonic
Description
Bytes
Clock
Cycles
Arithmetic Operations
ADD A, Rn
Add register to A
1
1
ADD A, direct
Add direct byte to A
2
2
ADD A, @Ri
Add indirect RAM to A
1
2
ADD A, #data
Add immediate to A
2
2
ADDC A, Rn
Add register to A with carry
1
1
ADDC A, direct
Add direct byte to A with carry
2
2
ADDC A, @Ri
Add indirect RAM to A with carry
1
2
ADDC A, #data
Add immediate to A with carry
2
2
SUBB A, Rn
Subtract register from A with borrow
1
1
SUBB A, direct
Subtract direct byte from A with borrow
2
2
SUBB A, @Ri
Subtract indirect RAM from A with borrow
1
2
SUBB A, #data
Subtract immediate from A with borrow
2
2
INC A
Increment A
1
1
INC Rn
Increment register
1
1
INC direct
Increment direct byte
2
2
INC @Ri
Increment indirect RAM
1
2
DEC A
Decrement A
1
1
DEC Rn
Decrement register
1
1
DEC direct
Decrement direct byte
2
2
DEC @Ri
Decrement indirect RAM
1
2
INC DPTR
Increment Data Pointer
1
1
MUL AB
Multiply A and B
1
4
DIV AB
Divide A by B
1
8
DA A
Decimal adjust A
1
1
Logical Operations
ANL A, Rn
AND Register to A
1
1
ANL A, direct
AND direct byte to A
2
2
ANL A, @Ri
AND indirect RAM to A
1
2
ANL A, #data
AND immediate to A
2
2
ANL direct, A
AND A to direct byte
2
2
ANL direct, #data
AND immediate to direct byte
3
3
ORL A, Rn
OR Register to A
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com