Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F310 Datasheet(PDF) 19 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 15Page - Silicon Laboratories C8051F310 Datasheet HTML 16Page - Silicon Laboratories C8051F310 Datasheet HTML 17Page - Silicon Laboratories C8051F310 Datasheet HTML 18Page - Silicon Laboratories C8051F310 Datasheet HTML 19Page - Silicon Laboratories C8051F310 Datasheet HTML 20Page - Silicon Laboratories C8051F310 Datasheet HTML 21Page - Silicon Laboratories C8051F310 Datasheet HTML 22Page - Silicon Laboratories C8051F310 Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 228 page
background image
Rev. 1.7
19
C8051F310/1/2/3/4/5/6/7
Figure 1.1. C8051F310 Block Diagram
UART
16kbyte
FLASH
256 byte
SRAM
POR
SFR Bus
8
0
5
1
C
o
r
e
Reset
/RST/C2CK
External
Oscillator
Circuit
Debug HW
Brown-
Out
Analog/Digital
Power
P
0
D
r
v
1K byte
SRAM
XTAL1
XTAL2
P0.0/VREF
P0.1
P0.2/XTAL1
P0.3/XTAL2
P0.4/TX
P0.5/RX
P0.6/CNVST
P0.7
SPI
VDD
GND
C
R
O
S
S
B
A
R
P
1
D
r
v
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
Port 0
Latch
SMBus
Timer
0,1,2,3 /
RTC
Port 1
Latch
2%
Internal
Oscillator
System Clock
P
2
D
r
v
P
3
D
r
v
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P3.0/C2D
P3.1
P3.2
P3.3
P3.4
10-bit
200ksps
ADC
A
M
U
X
AIN0-AIN20
VREF
VDD
CP1
+
-
Temp
VDD
CP0
+
-
C2D
Port 2
Latch
Port 3
Latch
PCA/
WDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com