Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPP-SOULE Datasheet(PDF) 24 Page - ABB

Part # EPP-SOULE
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-SOULE Datasheet(HTML) 24 Page - ABB

Back Button EPP-SOULE Datasheet HTML 20Page - ABB EPP-SOULE Datasheet HTML 21Page - ABB EPP-SOULE Datasheet HTML 22Page - ABB EPP-SOULE Datasheet HTML 23Page - ABB EPP-SOULE Datasheet HTML 24Page - ABB EPP-SOULE Datasheet HTML 25Page - ABB EPP-SOULE Datasheet HTML 26Page - ABB EPP-SOULE Datasheet HTML 27Page - ABB EPP-SOULE Datasheet HTML 28Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
25
Example order codes
EPP-VSL1212-1253P 12+12 Way 125A 3P
EPP-VSL168-2503P 16+8 Way 250A 3P
Vertical DB CT ratios
Dual 125 125+100
Dual 160 160+125
Dual 250 250+160
Tri 125 125+100+100
Tri 160 160+125+100
Tri 250 250+160+125
Order codes
No. of outgoing
Incomer rating (A)
No. of poles
EPP-VSL84
8+4 TPN
-125
-160
-250
3 P
4 P
EPP-VSL88
8+8 TPN
EPP-VSL128
12+8 TPN
EPP-VSL1212
12+12 TPN
EPP-VSL168
16+8 TPN
EPP-VSL844
8+4+4 TPN
EPP-VSL1284
12+8+4 TPN
—
Vertical Split Load Boards - 42 variations are available
Boards are supplied fully assembled and metering devices configured to C.T. ratio's
—
MCB distribution board - Type B
—
Protecta Plus
Order Codes
P R OT EC TA P LUS – O R D ER CO D E S
Pack contents: Vertical Split Load Boards
• 2/3 MID, Modbus ( RS485 ) & Pulse Meters
• Associated CTs
• Incoming terminals
• Internal cables
Please note, no additional assembly is required.
Units will be delivered with meters
pre-configured to internal C.T sizing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com