Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPP-SOULE Datasheet(PDF) 31 Page - ABB

Part # EPP-SOULE
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-SOULE Datasheet(HTML) 31 Page - ABB

Back Button EPP-SOULE Datasheet HTML 27Page - ABB EPP-SOULE Datasheet HTML 28Page - ABB EPP-SOULE Datasheet HTML 29Page - ABB EPP-SOULE Datasheet HTML 30Page - ABB EPP-SOULE Datasheet HTML 31Page - ABB EPP-SOULE Datasheet HTML 32Page - ABB EPP-SOULE Datasheet HTML 33Page - ABB EPP-SOULE Datasheet HTML 34Page - ABB EPP-SOULE Datasheet HTML 35Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
32
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
MCB - S 200 M series
Order codes
—
S 200 series M C
Rated
current
in A
Rated current in kA
Order codes
IEC/EN 60898-1
IEC/EN 60947-2
1 Pole
3 Pole
6
10kA/15kA
S201M-C6
S203M-C6
10
10kA/15kA
S201M-C10
S203M-C10
13
10kA/15kA
S201M-C13
S203M-C13
16
10kA/15kA
S201M-C16
S203M-C16
20
10kA/15kA
S201M-C20
S203M-C20
25
10kA/15kA
S201M-C25
S203M-C25
32
10kA/15kA
S201M-C32
S203M-C32
40
10kA/15kA
S201M-C40
S203M-C40
50
10kA/15kA
S201M-C50
S203M-C50
63
10kA/15kA
S201M-C63
S202M-C63
80A
6kA
S201-C80
S203-C80
100A
6kA
S201-C100
S203-C100
—
S 200 series M B
Rated
current
in A
Rated current in kA
Order codes
IEC/EN 60898-1
IEC/EN 60947-2
1 Pole
3 Pole
6
10kA/15kA
S201M-B6
S203M-B6
10
10kA/15kA
S201M-B10
S203M-B10
13
10kA/15kA
S201M-B13
S203M-B13
16
10kA/15kA
S201M-B16
S203M-B16
20
10kA/15kA
S201M-B20
S203M-B20
25
10kA/15kA
S201M-B25
S203M-B25
32
10kA/15kA
S201M-B32
S203M-B32
40
10kA/15kA
S201M-B40
S203M-B40
50
10kA/15kA
S201M-B50
S203M-B50
63
10kA/15kA
S201M-B63
S202M-B63
80A
6kA
S201-B80
S203-B80
100A
6kA
S201-B100
S203-B100
—
S 200 series M D
Rated
current
in A
Rated current in kA
Order codes
IEC/EN 60898-1
IEC/EN 60947-2
1 Pole
3 Pole
6
10kA/15kA
S201M-D6
S203M-D6
10
10kA/15kA
S201M-D10
S203M-D10
13
10kA/15kA
S201M-D13
S203M-D13
16
10kA/15kA
S201M-D16
S203M-D16
20
10kA/15kA
S201M-D20
S203M-D20
25
10kA/15kA
S201M-D25
S203M-D25
32
10kA/15kA
S201M-D32
S203M-D32
40
10kA/15kA
S201M-D40
S203M-D40
50
10kA/15kA
S201M-D50
S203M-D50
63
10kA/15kA
S201M-D63
S202M-D63
Please see glossary for complete MCB offering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com