Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPP-SOULE Datasheet(PDF) 14 Page - ABB

Part # EPP-SOULE
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-SOULE Datasheet(HTML) 14 Page - ABB

Back Button EPP-SOULE Datasheet HTML 10Page - ABB EPP-SOULE Datasheet HTML 11Page - ABB EPP-SOULE Datasheet HTML 12Page - ABB EPP-SOULE Datasheet HTML 13Page - ABB EPP-SOULE Datasheet HTML 14Page - ABB EPP-SOULE Datasheet HTML 15Page - ABB EPP-SOULE Datasheet HTML 16Page - ABB EPP-SOULE Datasheet HTML 17Page - ABB EPP-SOULE Datasheet HTML 18Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
14
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
Key modular components
A complete range for your surge protection
Standard pro M terminals
Designed for a better
coordination with the complete
ABB System pro M compact®
modular range.
Auxiliary Contact
Possibility to add an
auxiliary contact on the
OVR Plus range with the
standard ABB option.
Clear information
On the front of the
product indicating
the technical
characteristics of
the OVR product.
End-of-life indicator
The end-of-life indicator of the SPD
signals the status of the device.
Turning from green to red when the SPD
reaches the end of its life.
The optional safety reserve system has a
partial-release mechanism, which
provides a pre-failure warning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com