Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPP-SOULE Datasheet(PDF) 40 Page - ABB

Part # EPP-SOULE
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-SOULE Datasheet(HTML) 40 Page - ABB

Back Button EPP-SOULE Datasheet HTML 36Page - ABB EPP-SOULE Datasheet HTML 37Page - ABB EPP-SOULE Datasheet HTML 38Page - ABB EPP-SOULE Datasheet HTML 39Page - ABB EPP-SOULE Datasheet HTML 40Page - ABB EPP-SOULE Datasheet HTML 41Page - ABB EPP-SOULE Datasheet HTML 42Page - ABB EPP-SOULE Datasheet HTML 43Page - ABB EPP-SOULE Datasheet HTML 44Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
41
Main
poles
Number
of modules
Control coil voltage
40-50 Hz
DC
Order codes
4 N.O.
3
12 V
12 V
ESB 40-40*
24 V
24 V
ESB 40-40*
110...120 V
110...120 V
ESB 40-40*
230...240 V
230...240 V
ESB 40-40*
2 N.C.
3
24 V
24 V
ESB 40-22*
230 V
230 V
ESB 40-22*
1 N.C.
3
24 V
24 V
ESB 40-31*
230 V
230 V
ESB 40-31*
3 N.O.
3
24 V
24 V
ESB 40-30*
230 V
230 V
ESB 40-30*
2 N.O.
3
24 V
24 V
ESB 40-20*
230 V
230 V
ESB 40-20*
Main
poles
Number
of modules
Control coil voltage
40-50 Hz
DC
Order codes
4 N.O.
3
12 V
12 V
ESB 63-40*
24 V
24 V
ESB 63-40*
110...120 V
110...120 V
ESB 63-40*
230...240 V
230...240 V
ESB 63-40*
1 N.C.
3
110 V
110 V
ESB 63-31*
230 V
230 V
ESB 63-31*
3 N.O.
3
230 V
230 V
ESB 63-30*
400 V
400 V
ESB 63-30*
2 N.O.
3
24 V
24 V
ESB 63-20*
230 V
230 V
ESB 63-20*
1 N.O. 1 N.C.
3
230 V
230 V
ESB 63-11*
—
ESB 40
—
ESB 63
—
ESB 24
—
ESB installation contactors
Order Codes
E SB I N S TA L L AT I ON CON TAC TOR S – OR DER CODE S
3
4
1
2
5
6
7
8
A1
A2
R3
R4
1
2
A1
A2
7
8
R5
R6
R3
R4
1
2
A1
A2
5
6
7
8
3
4
1
2
5
6
A1
A2
3
4
1
2
A1
A2
3
4
1
2
5
6
7
8
A1
A2
R3
R4
1
2
A1
A2
5
6
7
8
3
4
1
2
5
6
A1
A2
3
4
1
2
A1
A2
R3
R4
1
2
A1
A2
* Ensure voltage is selected
* Ensure voltage is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com