Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5460 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 16Page - Cirrus Logic CS5460 Datasheet HTML 17Page - Cirrus Logic CS5460 Datasheet HTML 18Page - Cirrus Logic CS5460 Datasheet HTML 19Page - Cirrus Logic CS5460 Datasheet HTML 20Page - Cirrus Logic CS5460 Datasheet HTML 21Page - Cirrus Logic CS5460 Datasheet HTML 22Page - Cirrus Logic CS5460 Datasheet HTML 23Page - Cirrus Logic CS5460 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
CS5460
20
DS279PP5
3.4 System Initialization
A software or hardware reset can be initiated at any
time. The software reset is initiated by writing a
logic 1 to the RS (Reset System) bit in the configu-
ration register, which automatically returns to logic
0 after reset. At the end of the 32nd SCLK (i.e., 8 bit
command word and 24 bit data word) internal syn-
chronization delays the loading of the configura-
tion register by 3 or 4 DCLK (MCLK/K). Then the
reset circuit initiates the reset routine on the 1st fall-
ing edge of MCLK. A hardware reset is initiated
when the RESET pin is forced low with a minimum
pulse width of 50 ns. The RESET signal is asyn-
chronous requiring no MCLKs for the part to detect
and store a reset event. Once the RESET pin is in-
active the internal reset circuitry remains active for
5 MCLK cycles to insure resetting the synchronous
circuitry in the device. The modulators are held in
reset for 12 MCLK cycles after RESET becomes
inactive. The internal registers (some of which drive
output pins) will be reset to their default values on
the first MCLK received after detecting a reset event
(see Table 2). After a reset, the on-chip registers are
initialized to the following states and the converter
is placed in the command mode where it waits for a
valid command.
Configuration Register:
0x000001
Offset Register:
0x000000
Gain Registers
0x400000
Pulse-Rate Register:
0x0FA000
Cycle-Counter Register:
0x000FA0
Timebase Register:
0x800000
Status Register:
0x000001
Mask Register
0x000000
Signed Registers
0x000000
Unsigned Registers
0x000000
Table 2. Internal Registers Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com