Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5460 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 18Page - Cirrus Logic CS5460 Datasheet HTML 19Page - Cirrus Logic CS5460 Datasheet HTML 20Page - Cirrus Logic CS5460 Datasheet HTML 21Page - Cirrus Logic CS5460 Datasheet HTML 22Page - Cirrus Logic CS5460 Datasheet HTML 23Page - Cirrus Logic CS5460 Datasheet HTML 24Page - Cirrus Logic CS5460 Datasheet HTML 25Page - Cirrus Logic CS5460 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
CS5460
22
DS279PP5
01 = active high level
10 = falling edge (INT is normally high)
11 = rising edge (INT is normally low)
PH[1:0]
Set the phase of the EOUT and EDIR output pin pulse. The EOUT and EDIR pins, on different
phases, can be wire-ORed together as a simple way of summing the frequency of different
parts.
00 = phase 0 (default)
01 = phase 1
10 = phase 2
11 = phase 3
EWA
Allows the output pins of EOUT and EDIR of multiple chips to be connected in a wire-AND, us-
ing an external pull-up device.
0 = normal outputs (default)
1 = only the pull-down device of the EOUT and EDIR pins are active
Gi
Sets the gain of the current PGA
0 = gain is 10 (default)
1 = gain is 50
Res
Reserved. These bits must be set to zero.
PC[3:0]
Phase compensation. A 2’s complement number used to set the delay in the voltage channel.
The bigger the number, the greater the delay in the voltage. The phase adjustment range is
about -2.4 to +2.5 degrees at 60Hz. Each step is about 0.34 degrees at 60Hz.
0000 = Zero degrees phase delay (default)
4.2 Current Offset Register and Voltage Offset Register
Address:
RA[4:0]* = 0x01 (Current Offset Register)
RA[4:0]* = 0x03 (Voltage Offset Register)
Default** = 0.000
The Offset Registers are initialized to zero on reset, allowing the device to function and perform measurements.
The register is loaded after one cycle with the system offset when the proper input is applied and the Calibration
Command is received. The register may be read and stored so the register may be restored with the desired
system offset compensation. The value is in the range ± ½ full scale.
4.3 Current Gain Register and Voltage Gain Register
Address:
RA[4:0]* = 0x02 (Current Gain Register)
RA[4:0]* = 0x04 (Voltage Gain Register)
Default** = 1.000
The Gain Registers are initialized to 1.0 on reset, allowing the device to function and perform measurements.
The register is loaded after one cycle with the system gain when the proper input is applied and the Calibration
Command is received. The register may be read and stored so the register may be restored with the desired
system offset compensation. The value is in the range 0.0
≤ Gain < 4.0.
MSB
LSB
SIGN
2-2
2-3
2-4
2-5
2-6
2-7
2-8
.....
2-18
2-19
2-20
2-21
2-22
2-23
2-24
MSB
LSB
21
20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com