Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5460 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 26Page - Cirrus Logic CS5460 Datasheet HTML 27Page - Cirrus Logic CS5460 Datasheet HTML 28Page - Cirrus Logic CS5460 Datasheet HTML 29Page - Cirrus Logic CS5460 Datasheet HTML 30Page - Cirrus Logic CS5460 Datasheet HTML 31Page - Cirrus Logic CS5460 Datasheet HTML 32Page - Cirrus Logic CS5460 Datasheet HTML 33Page - Cirrus Logic CS5460 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
CS5460
DS279PP5
31
6. PIN DESCRIPTION
1
2
3
4
5
6
7
817
18
19
20
21
22
23
24
9
10
11
12
13
14
15
16
Crystal Out
XOUT
CPU Clock Output
CPUCLK
Positive Digital Supply
VD+
Digital Ground
DGND
Serial Clock Input
SCLK
Serial Data Output
SDO
Chip Select
CS
No Connect
NC
Differential Voltage Input
VIN+
Differential Voltage Input
VIN-
Voltage Reference Output
VREFOUT
Voltage Reference Input
VREFIN
XIN
Crystal In
SDI
Serial Data Input
EDIR
Energy Direction Indicator
EOUT
Energy Output
INT
Interrupt
RESET
Reset
NC
No Connect
PFMON
Power Fail Monitor
IIN+
Differential Current Input
IIN-
Differential Current Input
VA+
Positive Analog Supply
VA-
Analog Ground
Clock Generator
Crystal Out
Crystal In
1,24
XOUT, XIN - A gate inside the chip is connected to these pins and can be used with a
crystal to provide the system clock for the device. Alternatively, an external (CMOS
compatible clock) can be supplied into XIN pin to provide the system clock for the device.
CPU Clock Output
2
CPUCLK - Output of on-chip oscillator which can drive one standard CMOS load.
Control Pins and Serial Data I/O
SCLK
5
Serial Clock Input - A clock signal on this pin determines the input and output rate of the
data for the SDI and SDO pins respectively. This input is a Schmitt trigger to allow for
slow rise time signals. The SCLK pin will recognize clocks only when CS is low.
SDO
6
Serial Data Output - SDO is the output pin of the serial data port. Its output will be in a
high impedance state when CS is high.
CS
7
Chip Select - When active low, the port will recognize SCLK. An active high on this pins
puts the SDO pin in a high impedance state. CS should be changed when SCLK is low.
INT
20
Interrupt - When INT goes low it signals that an enabled event has occurred. INT is
cleared (logic 1) by writing the appropriate command to the CS5460.
EOUT
21
Energy Output - The energy output pin output a fixed-width pulse rate output with a rate
(programmable) proportional to energy.
EDIR
22
The energy direction indicator indicates if the measured energy is negative.
SDI
23
Energy Direction Indicator - Serial Data Input - SDI is the input pin of the serial data
port. Data will be input at a rate determined by SCLK.
Measurement and Reference Input
Differential
Voltage Inputs
9,10
VIN+, VIN- - Differential analog input pins for voltage channel.
Voltage
Reference Output
11
VREFOUT - The on-chip voltage reference is output from this pin. The voltage reference
has a nominal magnitude of 2.5 V and is reference to the VA- pin on the converter.
Voltage
Reference Input
12
VREFIN - The voltage input to this pin establishes the voltage reference for the on-chip
modulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com