Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCI55US0JS Datasheet(PDF) 2 Page - Whirlpool.

Part # WCI55US0JS
Description  INDUCTION COOKTOP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WCI55US0JS Datasheet(HTML) 2 Page - Whirlpool.

  WCI55US0JS Datasheet HTML 1Page - Whirlpool. WCI55US0JS Datasheet HTML 2Page - Whirlpool. WCI55US0JS Datasheet HTML 3Page - Whirlpool. WCI55US0JS Datasheet HTML 4Page - Whirlpool. WCI55US0JS Datasheet HTML 5Page - Whirlpool. WCI55US0JS Datasheet HTML 6Page - Whirlpool. WCI55US0JS Datasheet HTML 7Page - Whirlpool. WCI55US0JS Datasheet HTML 8Page - Whirlpool. WCI55US0JS Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DIMENSIONS
INDUCTION COOKTOP
IMPORTANT: Dimensional specifications are provided for planning purposes only.
Do not make any cutouts based on this information. Refer to the Installation Guide before
selecting cabinetry, verifying electrical/gas connections, making cutouts or beginning installation.
All Whirlpool® appliances are appropriately UL, CUL or CSA approved.
2 of 21
PRODUCT DIMENSIONS
MODEL #
24" (65 cm) Cooktop
WCI55US4JB/UCIG245KBL
30" (78.2 cm) Cooktop
WCI55US0JB/WCI55US0JS
Unit of Measurement
in
cm
in
cm
Glass Width (E)
2519/32
65
3035/32
78.2
Electric Inlet to Surface (F)
329/32
9.9
329/32
9.9
Center to Electric Inlet (G)
911/32
23.7
133/32
33.2
Recessed Cooktop Width (H)
2121/32
55
2911/32
74.5
FRONT VIEW
BACK VIEW
E
F
G
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com