Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCI55US0JS Datasheet(PDF) 1 Page - Whirlpool.

Part # WCI55US0JS
Description  INDUCTION COOKTOP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WCI55US0JS Datasheet(HTML) 1 Page - Whirlpool.

  WCI55US0JS Datasheet HTML 1Page - Whirlpool. WCI55US0JS Datasheet HTML 2Page - Whirlpool. WCI55US0JS Datasheet HTML 3Page - Whirlpool. WCI55US0JS Datasheet HTML 4Page - Whirlpool. WCI55US0JS Datasheet HTML 5Page - Whirlpool. WCI55US0JS Datasheet HTML 6Page - Whirlpool. WCI55US0JS Datasheet HTML 7Page - Whirlpool. WCI55US0JS Datasheet HTML 8Page - Whirlpool. WCI55US0JS Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DIMENSIONS
1 of 21
INDUCTION COOKTOP
IMPORTANT: Dimensional specifications are provided for planning purposes only.
Do not make any cutouts based on this information. Refer to the Installation Guide before
selecting cabinetry, verifying electrical/gas connections, making cutouts or beginning installation.
All Whirlpool® appliances are appropriately UL, CUL or CSA approved.
PRODUCT DIMENSIONS
MODEL #
24" (65 cm) Cooktop
WCI55US4JB/UCIG245KBL
30" (78.2 cm) Cooktop
WCI55US0JB/WCI55US0JS
Unit of Measurement
in
cm
in
cm
Overall Width with Frame (A)
NA
NA
303/4
78.2
Depth with Frame (B)
NA
NA
22
55.9
Overall Width without Frame (C)
255/8
65
303/4
78.2
Depth without Frame (D)
211/4
54.1
211/4
54.1
W11362929A
TOP VIEW
A
C
D
B


Similar Part No. - WCI55US0JS

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
WCI AITSEMI-WCI Datasheet
319Kb / 5P
CHIP INDUCTOR
WCI100505 AITSEMI-WCI100505 Datasheet
319Kb / 5P
CHIP INDUCTOR
logo
Whirlpool.
WCIT7030SB WHIRLPOOL-WCIT7030SB Datasheet
1Mb / 21P
INDUCTION COOKTOP
05/25
WCIT7030SS WHIRLPOOL-WCIT7030SS Datasheet
1Mb / 21P
INDUCTION COOKTOP
05/25
WCIT7530SB WHIRLPOOL-WCIT7530SB Datasheet
1Mb / 21P
INDUCTION COOKTOP
05/25
More results

Similar Description - WCI55US0JS

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-133 POWERINT-DI-133 Datasheet
334Kb / 2P
Non-isolated Induction Cooktop Auxiliary Supply
logo
Renesas Technology Corp
RJH65T14DPQ-A0 RENESAS-RJH65T14DPQ-A0 Datasheet
315Kb / 10P
Induction Heating
logo
ON Semiconductor
NGTB20N120IHWG ONSEMI-NGTB20N120IHWG Datasheet
114Kb / 7P
IGBT - Induction Cooking
September, 2015 ??Rev. 1
logo
Ningbo Leison Motor Co....
LS-2IK06-2GN NINGBO-LS-2IK06-2GN Datasheet
898Kb / 1P
Induction Motor 6W
LS-5IK120-5GU NINGBO-LS-5IK120-5GU Datasheet
956Kb / 1P
Induction Motor 120W
LS-5IK60-5GN NINGBO-LS-5IK60-5GN Datasheet
930Kb / 1P
Induction Motor 60W
LS-5IK60-5GU NINGBO-LS-5IK60-5GU Datasheet
946Kb / 1P
Induction Motor 60W
LS-5IK90-5GU NINGBO-LS-5IK90-5GU Datasheet
959Kb / 1P
Induction Motor 90W
LS-6IK120-6GU NINGBO-LS-6IK120-6GU Datasheet
937Kb / 1P
Induction Motor 120W
LS-6IK140-6GU NINGBO-LS-6IK140-6GU Datasheet
937Kb / 1P
Induction Motor 140W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com